Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2412 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2412
Description  Monolithic Triple 2.8 ns CRT Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2412 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2412 Datasheet HTML 1Page - National Semiconductor (TI) LM2412 Datasheet HTML 2Page - National Semiconductor (TI) LM2412 Datasheet HTML 3Page - National Semiconductor (TI) LM2412 Datasheet HTML 4Page - National Semiconductor (TI) LM2412 Datasheet HTML 5Page - National Semiconductor (TI) LM2412 Datasheet HTML 6Page - National Semiconductor (TI) LM2412 Datasheet HTML 7Page - National Semiconductor (TI) LM2412 Datasheet HTML 8Page - National Semiconductor (TI) LM2412 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LM2412
Monolithic Triple 2.8 ns CRT Driver
General Description
The LM2412 is an integrated high voltage CRT driver circuit
designed for use in high resolution color monitor applica-
tions. The IC contains three high input impedance, wide
band amplifiers which directly drive the RGB cathodes of a
CRT. Each channel has its gain internally set to −14 and can
drive CRT capacitive loads as well as resistive loads pre-
sented by other applications, limited only by the package’s
power dissipation. The LM2412 is a low power alternative of
the LM2402
The IC is packaged in an industry standard 11 lead TO-220
molded plastic power package. See thermal considerations
section for heat sinking requirements.
Features
n Rise/fall times typically 2.8 ns with 8 pF load at 40 VPP
n Lower power than LM2402 with the same bandwidth
n Well matched with LM2202 video preamps
n Output swing capability: 50 VPP for VCC = 80V
n 1V to 5V input range
n Stable with 0-20 pF capacitive loads and inductive
peaking networks
n Convenient TO-220 staggered lead package style
n Standard LM240X family pinout which is designed for
easy PCB layout
Applications
n CRT driver for color monitors with display resolutions up
to 1600 x 1200 with 85 Hz refresh rate
n Pixel clock frequency up to 200 MHz
Schematic and Connection Diagrams
DS101298-1
FIGURE 1. Simplified Schematic Diagram
(One Channel)
DS101298-2
Top View
Order Number LM2412T
See NS package Number
December 1999
© 1999 National Semiconductor Corporation
DS101298
www.national.com


Similar Part No. - LM2412

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2412A NSC-LM2412A Datasheet
818Kb / 11P
Monolithic Triple 2.8 ns CRT Driver
More results

Similar Description - LM2412

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2402 NSC-LM2402 Datasheet
816Kb / 11P
Monolithic Triple 3 ns CRT Driver
LM2405 NSC-LM2405 Datasheet
191Kb / 7P
Monolithic Triple 7 ns CRT Driver
LM2408 NSC-LM2408 Datasheet
154Kb / 8P
Monolithic Triple 4.5 ns CRT Driver
LM2415 NSC-LM2415 Datasheet
459Kb / 10P
Monolithic Triple 5.5 ns CRT Driver
LM2439 NSC-LM2439 Datasheet
527Kb / 9P
Monolithic Triple 9.5 ns CRT Driver
LM2470 NSC-LM2470 Datasheet
841Kb / 14P
Monolithic Triple 7.0 ns CRT Driver
LM2463 NSC-LM2463 Datasheet
460Kb / 12P
Monolithic Triple 4 ns CRT Driver
LM2462 NSC-LM2462 Datasheet
1Mb / 11P
Monolithic Triple 3 ns CRT Driver
LM2412A NSC-LM2412A Datasheet
818Kb / 11P
Monolithic Triple 2.8 ns CRT Driver
logo
Texas Instruments
LM2445 TI1-LM2445 Datasheet
1Mb / 15P
Monolithic Triple 7.5 ns CRT Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com