Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDF315MS3 Datasheet(PDF) 3 Page - Shoulder Electronics Limited.

Part # HDF315MS3
Description  Typical test circuit is shown as below
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF315MS3 Datasheet(HTML) 3 Page - Shoulder Electronics Limited.

  HDF315MS3 Datasheet HTML 1Page - Shoulder Electronics Limited. HDF315MS3 Datasheet HTML 2Page - Shoulder Electronics Limited. HDF315MS3 Datasheet HTML 3Page - Shoulder Electronics Limited. HDF315MS3 Datasheet HTML 4Page - Shoulder Electronics Limited. HDF315MS3 Datasheet HTML 5Page - Shoulder Electronics Limited. HDF315MS3 Datasheet HTML 6Page - Shoulder Electronics Limited. HDF315MS3 Datasheet HTML 7Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SAW FILTER
HDF315M
S3
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 3 of 7
1
.Package
Ceramic package QCC8C
Marking:HDF301
HD: Brand
F : Filter
301 : No.
Dimensions in mm, appr. weight 0.1g
Performance
2.1 Absolute Maximum Ratings
Rating
Value
Units
Incident RF Power
+13
dBm
Case Temperature
-40 to +85
℃
DC Voltage Between Any Two Pins
(Observe ESD Precautions)
±30
VDC
1. Ground
2. Input
3. Ground
4. Ground
5. Ground
6. Output
7. Ground
8. Ground
Pin
configuration
1
Input
2
Input Ground
5
Output
6
Output Ground
4, 8
Case – Ground
3.7
Ground



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com