Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV9925-08 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV9925-08
Description  Programmable-Current LED Lamp Driver IC with PWM Dimming
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9925-08 Datasheet(HTML) 2 Page - Supertex, Inc

  HV9925-08 Datasheet HTML 1Page - Supertex, Inc HV9925-08 Datasheet HTML 2Page - Supertex, Inc HV9925-08 Datasheet HTML 3Page - Supertex, Inc HV9925-08 Datasheet HTML 4Page - Supertex, Inc HV9925-08 Datasheet HTML 5Page - Supertex, Inc HV9925-08 Datasheet HTML 6Page - Supertex, Inc HV9925-08 Datasheet HTML 7Page - Supertex, Inc HV9925-08 Datasheet HTML 8Page - Supertex, Inc HV9925-08 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
HV9925
● 1235 Bordeaux Drive, Sunnyvale, CA 94089 ● Tel: 408-222-8888 ● www.supertex.com
Ordering Information
Device
Package Option
8-Lead SOIC (w/Heat Slug)
4.90x3.90mm body
1.70mm height (max)
1.27mm pitch
HV9925
HV9925SG-G
-G indicates package is RoHS compliant (‘Green’)
Absolute Maximum Ratings
Sym
Parameter
Min
Typ
Max
Units Conditions
Electrical Characteristics (The specifications are at T
A = 25°C and VDRAIN = 50V, unless otherwise noted.)
Parameter
Value
Supply voltage, V
DD
-0.3 to +10V
PWMD, R
SENSE voltage
-0.3 to +10V
Supply current, I
DD
+5mA
Operating ambient temperature range
-40°C to +85°C
Operating junction temperature range
-40°C to +125°C
Storage temperature range
-65°C to +150°C
Power dissipation @ 25°C
800mW**
All voltages referenced to GND pin.
**The power dissipation is given for the standard minimum pad without a heat
slug, and based on R
θJA = 125°C/W. RθJA is the sum of the junction-to-case
and case-to-ambient thermal resistance, where the latter is determined by
the user’s board design. The junction-to-ambient thermal resistance is R
θJA=
105°C/W when the part is mounted on a 0.04 in2 pad of 1 oz copper, and
R
θJA= 60°C/W when mounted on a 1.0in
2
pad of 1 oz copper.
V
DD
V
DD regulator output
-
-
7.5
-
V
---
V
UVLO
V
DD undervoltage threshold
-
4.8
-
-
V
---
ΔV
UVLO
V
DD undervoltage lockout hysteresis
-
-
200
-
mV ---
I
DD
Operating supply current
-
-
300
500
μA
V
DD(EXT) = 8.5V
Output (DRAIN)
V
BR
Breakdown voltage
*
475
-
-
V
---
V
DRAIN
V
DRAIN supply voltage
-
20
-
-
V
---
R
ON
On-resistance
-
-
100
200
Ω
I
DRAIN = 50mA
C
DRAIN
Output capacitance
#
-
1.0
5.0
pF
V
DRAIN = 400V
I
SAT
DRAIN saturation current
-
100
150
-
mA ---
Notes:
*
Denotes the specifications which apply over the full operating ambient temperature range of -40°C < T
A < +85°C.
# Denotes guaranteed by design.
Pin Configuration
8-Lead SOIC (SG)
(top view)
Heat slug is at ground potential.
Product Marking
8-Lead SOIC (SG)
Y = Year Sealed
WW = Week Sealed
L = Lot Number
= “Green” Packaging
YWW
H9925
L L L L
1
2
3
4
8
7
6
5
RSENSE
GND
PWMD
VDD
DRAIN
DRAIN
DRAIN
NC
Heat Slug



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com