Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDF374ES4 Datasheet(PDF) 4 Page - Shoulder Electronics Limited.

Part # HDF374ES4
Description  Tensile Strength of Carrier Tape: 4.4N/mm width
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF374ES4 Datasheet(HTML) 4 Page - Shoulder Electronics Limited.

  HDF374ES4 Datasheet HTML 1Page - Shoulder Electronics Limited. HDF374ES4 Datasheet HTML 2Page - Shoulder Electronics Limited. HDF374ES4 Datasheet HTML 3Page - Shoulder Electronics Limited. HDF374ES4 Datasheet HTML 4Page - Shoulder Electronics Limited. HDF374ES4 Datasheet HTML 5Page - Shoulder Electronics Limited. HDF374ES4 Datasheet HTML 6Page - Shoulder Electronics Limited. HDF374ES4 Datasheet HTML 7Page - Shoulder Electronics Limited. HDF374ES4 Datasheet HTML 8Page - Shoulder Electronics Limited. HDF374ES4 Datasheet HTML 9Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SAW FILTER
HDF374E
S4
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 4 of 9
3.2
Electrical Characteristics
Characteristic
Minimum
Typical
Maximum
Units
Nominal Frequency
f N
--
374.00
--
MHz
Insertion
Loss(including
matching
--
8.5
10.5
dB
3 dB Bandwidth
17
20.5
--
MHz
Amplitude ripple (p-p)
f N±7MHz
--
0.5
1
dB
Group delay ripple (p-p)
f N±7MHz
--
40
100
ns
Triple transit suppression
30
40
--
dB
Relative attenuation
309~352
MHz
352~357.5
MHz
390.5~392
MHz
392~396
MHz
396~439
MHz
439~454
MHz
40
35
35
35
38
40
50
50
45
40
42
45
--
--
--
--
--
--
dB
dB
dB
dB
dB
dB
Ultimate Rejection
50
--
--
dB
Operating Temperature Range
-40
+85
℃
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling
NOTES:
1.Frequency aging is the change in fc with time and is specified at +65℃or less. Aging may exceed
the specification for prolonged temperatures above +65℃. Typically, aging is greatest the first
year after manufacture, decreasing in subsequent years.
2.The frequency fc id the frequency of minimum IL with the resonator in the specified test fixture in a 50
W test system with VSWR £ 1.2 : 1. Typically, f
oscillator or ftransmitter is less than the resonator fc.
3.Typically, equipment utilizing this device requires emissions testing and government approval, which is
the responsibility of the equipment manufacturer.
4.Unless noted otherwise , case temperature Tc=+25℃±2℃.
5.The design, manufacturing process, and specifications of this device are subject to change without
notice.
6.Derived mathematically from one or more of the following directly measured parameters: fc, IL, 3 dB
bandwidth, fc versus Tc , and C0.
7.Turnover temperature, TO, is the temperature of maximum (or turnover) frequency, fO, The nominal
center frequency at any case temperature , TC, may be calculated from :f = f O[1-FTC (TO-T C)
2].Typically, oscillator T
0is 20
o less than the specified resonator T
o.
8.This equivalent RLC model approximates resonator performance near the resonant frequency and is
provided for reference only . The capacitance C0 is the measured static ( nonmotional ) capacitance
between either pin 1 and ground or pin 2 and ground .The measurement includes case parasitic
capacitance



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com