Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDF383AS4 Datasheet(PDF) 2 Page - Shoulder Electronics Limited.

Part # HDF383AS4
Description  Drop the device randomly onto the concrete floor from the height of 1m 3 times
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF383AS4 Datasheet(HTML) 2 Page - Shoulder Electronics Limited.

  HDF383AS4 Datasheet HTML 1Page - Shoulder Electronics Limited. HDF383AS4 Datasheet HTML 2Page - Shoulder Electronics Limited. HDF383AS4 Datasheet HTML 3Page - Shoulder Electronics Limited. HDF383AS4 Datasheet HTML 4Page - Shoulder Electronics Limited. HDF383AS4 Datasheet HTML 5Page - Shoulder Electronics Limited. HDF383AS4 Datasheet HTML 6Page - Shoulder Electronics Limited. HDF383AS4 Datasheet HTML 7Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SAW FILTER
HDF387A
SMD-4
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 2 of 7
1. ELECTRICAL SPECIFICATION
DC Voltage VDC
10V
AC Voltage Vpp
10V50Hz/60Hz
Operation temperature
-45℃ to +85℃
Storage temperature
-45℃ to +85℃
RF Power Dissipation
0dBm
Electronic Characteristics
1-1.Typical
frequencyresponse
1-2.Electrical characteristics
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
-
383.5
-
Insertion Loss (380.5~386.5 MHz)
dB
2.0
3.5
Amplitude Ripple (380.5~386.5 MHz )
dB
1.0
1.5
VSWR
(380.5~386.5 MHz )
dB
1.5
2.0
Relative Attenuation
10 ~337 MHz
390.5~396.5 MHz
406~916 MHz
916~1220 MHz
dB
40
20
40
40
60
22
50
50
-
Input/Output Impedance
Ohms
50



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com