Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1550 Datasheet(PDF) 2 Page - Supertex, Inc

Part # TC1550
Description  N- and P-Channel Enhancement-Mode Dual MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TC1550 Datasheet(HTML) 2 Page - Supertex, Inc

  TC1550_08 Datasheet HTML 1Page - Supertex, Inc TC1550_08 Datasheet HTML 2Page - Supertex, Inc TC1550_08 Datasheet HTML 3Page - Supertex, Inc TC1550_08 Datasheet HTML 4Page - Supertex, Inc TC1550_08 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
TC1550
● 1235 Bordeaux Drive, Sunnyvale, CA 94089 ● Tel: 408-222-8888 ● www.supertex.com
Sym
Parameter
Min
Typ
Max
Units
Conditions
BV
DSS
Drain-to-source breakdown voltage
500
-
-
V
V
GS = 0V, ID = 1.0mA
V
GS(th)
Gate threshold voltage
2.0
-
4.0
V
V
GS = VDS, ID =1.0mA
ΔV
GS(th)
Change in V
GS(th) with temperature
-
-3.8
-5.0
mV/OC
V
GS = VDS, ID = 1.0mA
I
GSS
Gate body leakage current
-
-
100
nA
V
GS = ±20V, VDS = 0V
I
DSS
Zero gate voltage drain current
-
-
10
µA
V
GS = 0V, VDS = Max Rating
-
-
1.0
mA
V
DS = 0.8 Max Rating,
V
GS = 0V, TA = 125°C
I
D(ON)
On-state drain current
-
100
-
mA
V
GS = 5.0V, VDS = 25V
150
350
-
V
GS = 10V, VDS = 25V
R
DS(ON)
Static drain-to-source
on-state resistance
-
45
-
Ω
V
GS = 5.0V, ID = 50mA
-
40
60
V
GS = 10V, ID = 50mA
ΔR
DS(ON)
Change in R
DS(ON) with temperature
-
1.0
1.7
%/OC
V
GS = 10V, ID = 50mA
G
FS
Forward transconductance
50
100
-
mmho
V
DS = 25V, ID =50mA
C
ISS
Input capacitance
-
45
55
pF
V
GS = 0V,
V
DS = 25V,
f = 1.0MHz
C
OSS
Common source output capacitance
-
8.0
10
C
RSS
Reverse transfer capacitance
-
2.0
5.0
t
d(ON)
Turn-on delay time
-
-
10
ns
V
DD = 25V,
I
D = 150mA,
R
GEN = 25Ω
t
r
Rise time
-
-
15
t
d(OFF)
Turn-off delay time
-
-
10
t
f
Fall time
-
-
10
V
SD
Diode forward voltage drop
-
0.8
-
V
V
GS = 0V, ISD = 500mA
t
rr
Reverse recovery time
-
300
-
ns
V
GS = 0V, ISD = 500mA
N-Channel Switching Waveforms and Test Circuit
RGEN
Input
Pulse
Generator
VDD
RL
D.U.T.
OUTPUT
10V
0V
0V
VDD
td(OFF)
Input
Output
tr
tf
td(ON)
t(ON)
t(OFF)
10%
90%
90%
10%
90%
10%
N-Channel Electrical Characteristics (T
A = 25°C unless otherwise specified)
Notes:
All DC parameters 100% tested at 25°C unless otherwise stated. (Pulsed test: 300µs pulse at 2% duty cycle.)
All AC parameters sample tested.
1.
2.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com