Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM9008F Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # DM9008F
Description  ISA/Plug & Play Super Ethernet Contoller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9008F Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button DM9008F Datasheet HTML 34Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 35Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 36Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 37Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 38Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 39Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 40Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 41Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 68 page
background image
DM9008
ISA/Plug & Play Super Ethernet Contoller
38
Final
Version :DM9008-DS-F02
June 14, 2000
Remote DMA
The Remote DMA channel is used both to assemble packets
for transmission and to remove received packets from the
Receive Buffer Ring. It may also be used as a general purpose
slave DMA channel for moving blocks of data or commands
between host memory and local buffer memory. There are
three modes of operation: Remote Write, Remote Read and
Send Packet. Two register pairs are used to control the
Remote DMA: Remote Start Address (RSAR0, RSAR1) and
Remote Byte Count (RBCR0, RBCR1). The Start Address
Register pair points to the beginning of the block to be moved,
while the Byte Count Register pair is used to indicate the
number of bytes to be transferred. Full handshake logic is
provided to move data between local buffer memory and a
bidirectional I/O port.
Remote Write
A Remote Write transfer is used to move a block of data from
the host into local buffer memory. The Remote DMA will read
data from the I/O port and sequentially write it to local buffer
memory beginning at the Remote Start Address. The DMA
Address will be incremented and the Byte Counter will be
decremented after each transfer. The DMA is terminated when
the Remote Byte Count Register reaches a count of zero.
Remote Read
A Remote Read transfer is used to move a block of data from
local buffer memory to the host. The Remote DMA will
sequentially read data from the local buffer memory, beginning
at the Remote Start Address, and write data to the I/O port.
The DMA Address will be incremented and the Byte Counter
will be decremented after each transfer. The DMA is
terminated when the Remote Byte Count Register reaches
zero.
Send Packet Command
The Remote DMA channel can be automatically initialized to
transfer a single packet from the Receive Buffer Ring. The
CPU begins this transfer by issuing a "Send Packet"
Command. The DMA will be initialized to the value of the
Boundary Pointer Register, and the Remote Byte Count
Register pair (RBCR0, RBCR1) will be initialized to the value of
the Receive Byte Count fields found in the Buffer Header of
each packet. After the data are transferred, the Boundary
Pointer is advanced to allow the buffers to be used for new
receive packets. The Remote Read will terminate when the
Byte Count equals zero. The Remote DMA is then prepared to
read the next packet from the Receive Buffer Ring. If the DMA
pointer crosses the Page Stop Register, it is reset to the Page
Start Address. This allows the Remote DMA to remove
packets that have wrapped around to the top of the Receive
Buffer Ring.
Note 1: In order for DM9008 to correctly execute the
Send Packet Command, the upper Remote Byte
Count Register (RBCR1) must
first be loaded
with 0FH.
Note 2: The Send Packet command cannot be used with
68000-type processors.
Packet Encapsulation/Decapsulation
A standard IEEE 802.3 packet consists of the following fields:
preamble, Start of Frame Delimiter (SFD), destination address,
source address, length, data and Frame Check Sequence
(FCS). The typical format is shown on the following page. The
packets areManchester encoded and decoded by the ENA
and transferred serially to the ENC using NRZ data with a
clock. All fields are of fixed length except for the data field.
DM9008 generates and appends the preamble, SFD and FCS
fields during transmission. The Preamble and SFD fields are
stripped during reception. (The CRC is passed through to
buffer
memory during reception.)
IEEE 802.3 Packet Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com