Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2156 Datasheet(PDF) 21 Page - Dallas Semiconductor

Part # DS2156
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2156 Datasheet(HTML) 21 Page - Dallas Semiconductor

Back Button DS2156 Datasheet HTML 17Page - Dallas Semiconductor DS2156 Datasheet HTML 18Page - Dallas Semiconductor DS2156 Datasheet HTML 19Page - Dallas Semiconductor DS2156 Datasheet HTML 20Page - Dallas Semiconductor DS2156 Datasheet HTML 21Page - Dallas Semiconductor DS2156 Datasheet HTML 22Page - Dallas Semiconductor DS2156 Datasheet HTML 23Page - Dallas Semiconductor DS2156 Datasheet HTML 24Page - Dallas Semiconductor DS2156 Datasheet HTML 25Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 262 page
background image
DS2156
21 of 262
Signal Name:
TPOSO
Signal Description:
Transmit Positive-Data Output
Signal Type:
Output
Updated on the rising edge of TCLKO with the bipolar data out of the transmit-side formatter. Can be programmed
to source NRZ data by the output data format (IOCR1.0) control bit. This pin is normally connected to TPOSI.
Signal Name:
TNEGO
Signal Description:
Transmit Negative-Data Output
Signal Type:
Output
Updated on the rising edge of TCLKO with the bipolar data out of the transmit-side formatter. This pin is normally
connected to TNEGI.
Signal Name:
TCLKO
Signal Description:
Transmit Clock Output
Signal Type:
Output
Buffered clock that is used to clock data through the transmit-side formatter (i.e., either TCLK or RCLKI). This pin
is normally connected to TCLKI.
Signal Name:
TPOSI
Signal Description:
Transmit Positive-Data Input
Signal Type:
Input
Sampled on the falling edge of TCLKI for data to be transmitted out onto the T1 line. Can be internally connected
to TPOSO by connecting the LIUC pin high. TPOSI and TNEGI can be connected together in NRZ applications.
Signal Name:
TNEGI
Signal Description:
Transmit Negative-Data Input
Signal Type:
Input
Sampled on the falling edge of TCLKI for data to be transmitted out onto the T1 line. Can be internally connected
to TNEGO by connecting the LIUC pin high. TPOSI and TNEGI can be connected together in NRZ applications.
Signal Name:
TCLKI
Signal Description:
Transmit Clock Input
Signal Type:
Input
Line interface transmit clock. Can be internally connected to TCLKO by connecting the LIUC pin high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com