Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA84S Datasheet(PDF) 3 Page - Cirrus Logic

Part # PA84S
Description  POWER OPERATIONAL AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA84S Datasheet(HTML) 3 Page - Cirrus Logic

  PA84S Datasheet HTML 1Page - Cirrus Logic PA84S Datasheet HTML 2Page - Cirrus Logic PA84S Datasheet HTML 3Page - Cirrus Logic PA84S Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
TYPICAL PERFORMANCE
GRAPHS
PA84 • PA84A • PA84S
0
25
50
75
100
125
TEMPERATURE, TC (°C)
5
20
30
POWER DERATING
–55
100
30
70
80
CURRENT LIMIT
50
FREQUENCY, F (Hz)
1
FREQUENCY, F (Hz)
–20
0
60
SMALL SIGNAL RESPONSE
20
40
80
100
10
1.5
2.5
4.0
5.0
OUTPUT VOLTAGE SWING
3.5
4.5
FREQUENCY, F (Hz)
SLEW RATE VS. COMP
200
TOTAL SUPPLY VOLTAGE, VS (V)
.4
.6
1.6
SLEW RATE VS. SUPPLY
.8
1.4
COMMON MODE VOLTAGE
1
FREQUENCY, F (Hz)
COMMON MODE REJECTION
40
80
120
10
100
1
FREQUENCY, F (Hz)
POWER SUPPLY REJECTION
0
150
250
2
OPEN LOOP GAIN
0
INPUT NOISE
–25
25
50
75
60
25
POWER RESPONSE
30 50
100
150
1.2
50
100
200
–8
–6
1K
.1M
–4
20
60
100
10
100
20
40
60
80
100
1.0
40
4
2.0
3.0
0
125
20
30
40
50
250
300
15
10
0
10K
1M 10M
FREQUENCY, F (Hz)
0
300
120
100
10
60
70
OUTPUT CURRENT, IO (mA)
140
1K
10K
1M
1K
10K
1M
120
140
200
70
30
20
50
150
100
1K
5K
20K
2K
200
500
10K
.1M
.1M
30
50
100
200
300
15
1M
10K
.1M
20K
50K
.2M
.5M
2
3
5
10
20
15
7
10
1K
10K
.1M
100
CASE TEMPERATURE, TC (°C)
TOTAL SUPPLY VOLTAGE, VS (V)
–2
15
100
1M
.1M
50K
.2M
.5M
30
60
200
300
.3M
.7M
150
20
150
150
EXT. COMPENSATION RESISTANCE, RC ( )
Ω
TC = 85°C
TC = 25°C
TC = –25°C
RL = 3.5KΩ
Ω
RL = 3.5K
T C
=
85
°C
T C
=
25
°C
T C
=
–25
°C
RL = 3.5K
RL = 3.5K
VS = ±150V
VS = ±150V
R
C
/C
C =
2
R
C /C
C =
ΩΩ



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com