| Electronic Components Datasheet Search |
|
DS2156LN Datasheet(PDF) 2 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS2156LN Datasheet(HTML) 2 Page - Dallas Semiconductor |
|
2 / 262 page ![]() DS2156 2 of 262 TABLE OF CONTENTS 1. MAIN FEATURES........................................................................................................................................8 2. DETAILED DESCRIPTION......................................................................................................................11 2.1 BLOCK DIAGRAM...........................................................................................................................................13 FIGURE 2-1. BLOCK DIAGRAM................................................................................................................................13 FIGURE 2-2. RECEIVE AND TRANSMIT LIU (TDM BACKPLANE ENABLED)...........................................................14 FIGURE 2-3. RECEIVE AND TRANSMIT LIU (UTOPIA BACKPLANE ENABLED).....................................................15 FIGURE 2-4. RECEIVE AND TRANSMIT FRAMER/HDLC..........................................................................................16 FIGURE 2-5. BACKPLANE INTERFACE (TDM BACKPLANE ENABLED) ...................................................................17 FIGURE 2-6. BACKPLANE INTERFACE (UTOPIA BUS ENABLED)...........................................................................18 3. PIN FUNCTION DESCRIPTION .............................................................................................................19 3.1 TDM BACKPLANE .........................................................................................................................................19 3.1.1 Transmit Side ........................................................................................................................................19 3.1.2 Receive Side ..........................................................................................................................................22 3.2 UTOPIA BUS.................................................................................................................................................25 3.2.1 Receive Side ..........................................................................................................................................25 3.2.2 Transmit Side ........................................................................................................................................26 3.3 PARALLEL CONTROL PORT PINS ...................................................................................................................27 3.4 EXTENDED SYSTEM INFORMATION BUS........................................................................................................28 3.5 USER OUTPUT PORT PINS ..............................................................................................................................29 3.6 JTAG TEST ACCESS PORT PINS.....................................................................................................................30 3.7 LINE INTERFACE PINS....................................................................................................................................31 3.8 SUPPLY PINS ..................................................................................................................................................32 3.9 L AND G PACKAGE PINOUT...........................................................................................................................33 TABLE 3-A. PIN DESCRIPTION SORTED BY PIN NUMBER (TDM BACKPLANE ENABLED) .....................................33 TABLE 3-B. PIN DESCRIPTION SORTED BY PIN NUMBER (UTOPIA BACKPLANE ENABLED) ................................35 3.10 10MM CSBGA PIN CONFIGURATION ........................................................................................................37 FIGURE 3-1. 10MM CSBGA PIN CONFIGURATION (TDM SIGNALS SHOWN).........................................................37 4. PARALLEL PORT .....................................................................................................................................38 4.1 REGISTER MAP ..............................................................................................................................................38 TABLE 4-A. REGISTER MAP SORTED BY ADDRESS ................................................................................................38 4.2 UTOPIA BUS REGISTERS ..............................................................................................................................44 TABLE 4-B. UTOPIA REGISTER MAP.....................................................................................................................44 5. SPECIAL PER-CHANNEL REGISTER OPERATION.........................................................................45 6. PROGRAMMING MODEL.......................................................................................................................47 FIGURE 6-1. PROGRAMMING SEQUENCE.................................................................................................................47 6.1 POWER-UP SEQUENCE...................................................................................................................................48 6.1.1 Master Mode Register...........................................................................................................................48 6.2 INTERRUPT HANDLING ..................................................................................................................................49 6.3 STATUS REGISTERS........................................................................................................................................49 6.4 INFORMATION REGISTERS .............................................................................................................................50 6.5 INTERRUPT INFORMATION REGISTERS ..........................................................................................................50 7. CLOCK MAP ..............................................................................................................................................51 FIGURE 7-1. CLOCK MAP (TDM MODE).................................................................................................................51 8. T1 FRAMER/FORMATTER CONTROL AND STATUS REGISTERS..............................................52 8.1 T1 CONTROL REGISTERS ...............................................................................................................................52 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |