Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI5A127UX Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI5A127UX
Description  Dual, Wide Bandwidth Analog Switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5A127UX Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI5A127UX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5A127UX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5A127UX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5A127UX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A127UX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A127UX Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
PS8328C
01/12/01
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI5A126/PI5A127
Dual,Wide Bandwidth Analog Switch
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cp
m
e
T.
)
C
º
(
n
i
M. )
1
(
p
y
T. )
2
(
x
a
M. )
1
(
s
t
i
n
U
h
c
t
i
w
S
g
o
l
a
n
A
e
g
n
a
R
l
a
n
g
i
S
g
o
l
a
n
A
)
3
(
V
G
O
L
A
N
A
0+
VV
e
c
n
a
t
s
i
s
e
R
-
n
OR N
O
V,
V
3
=
+I
M
O
C
0
3
–
=m ,
A
V O
N
r
oV C
N
V
5
.
1
=
5
22
18
1
Ω
l
l
u
F2
2
h
c
t
a
M
e
c
n
a
t
s
i
s
e
R
-
n
O
s
l
e
n
n
a
h
C
n
e
e
w
t
e
B
)
4
(
∆R N
O
V,
V
3
.
3
=
+I
M
O
C
0
3
–
=m ,
A
V O
N
r
oV C
N
V
5
.
2
,
V
8
.
0
=
5
21
1
l
l
u
F2
s
s
e
n
t
a
l
F
e
c
n
a
t
s
i
s
e
R
-
n
O
)
5
,
3
(
R
)
N
O
(
T
A
L
F
5
25
.
34
l
l
u
F5
c
i
m
a
n
y
D
e
m
i
T
n
O
-
n
r
u
Tt N
O
V
,
V
3
.
3
=
+
V
O
N
r
oV C
N
,
V
5
.
1
=e
r
u
g
i
F1
5
24
15
2
s
n
l
l
u
F0
4
e
m
i
T
f
f
O
-
n
r
u
Tt
F
F
O
5
25
.
42
1
l
l
u
F0
2
n
o
i
t
c
e
j
n
I
e
g
r
a
h
C
)
3
(
Q
CL
1
=n
V
,
F
N
E
G
,
V
0
=
R
N
E
G
0
=V,
e
r
u
g
i
F2
5
23
.
10
1C
p
y
l
p
p
u
S
t
n
e
r
r
u
C
y
l
p
p
u
S+
I
V+
V
,
V
6
.
3
=
N
I
=+
V
r
o
V
0
f
f
o
r
o
n
o
s
l
e
n
n
a
h
C
l
l
A
l
l
u
F1
µA
Electrical Specifications - Single +3.3V Supply (V+ = +3.3V ±10%, GND = 0V, V
INH = 2.4V, VINL = 0.8V)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com