Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD3531F Datasheet(PDF) 7 Page - Rohm

Part # BD3531F
Description  Termination Regulator for DDR-SDRAMs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD3531F Datasheet(HTML) 7 Page - Rohm

Back Button BD3531F Datasheet HTML 3Page - Rohm BD3531F Datasheet HTML 4Page - Rohm BD3531F Datasheet HTML 5Page - Rohm BD3531F Datasheet HTML 6Page - Rohm BD3531F Datasheet HTML 7Page - Rohm BD3531F Datasheet HTML 8Page - Rohm BD3531F Datasheet HTML 9Page - Rohm BD3531F Datasheet HTML 10Page - Rohm BD3531F Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
BD3531F
7/15
© 2015 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
TSZ02201-0J2J0A900950-1-2
02.Nov.2015 Rev.001
Typical Performance Curves
1.248
1.249
1.25
1.251
1.252
-10
-5
0
5
10
IREF(mA)
Figure 9. Output Voltage vs IVREF
(DDR-I)
IVREF (mA)
0.897
0.898
0.899
0.9
0.901
0.902
-10
-5
0
5
10
IREF(mA)
Figure 10. Output Voltage vs IVREF
(DDR-II)
IVREF (mA)
1.244
1.246
1.248
1.250
1.252
1.254
1.256
1.258
-2
-1
0
1
2
ITT(A)
Figure 11. Terminal Output Voltage vs Output Current
(DDR-I)
Output Current : IVTT (A)
0.89
0.89
0.90
0.90
0.90
0.90
0.90
0.91
0.91
-2
-1
0
1
2
ITT(A)
0.896
0.898
0.900
0.902
0.904
0.906
0.908
0.910
0.912
Figure 12. Terminal Output Voltage vs Output Current
(DDR-II)
Output Current : IVTT (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com