Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES3883 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ES3883
Description  Video CD Companion Chip Product Brief
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ES3883 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ES3883 Datasheet HTML 1Page - List of Unclassifed Manufacturers ES3883 Datasheet HTML 2Page - List of Unclassifed Manufacturers ES3883 Datasheet HTML 3Page - List of Unclassifed Manufacturers ES3883 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ESS Technology, Inc.
SAM0416-052201
3
ES3883 PRODUCT BRIEF
AUX14
39
I/O
Servo SCOR (S0S1), interrupt input, or general-purpose I/O.
AUX15
40
I/O
Interrupt input or general-purpose I/O.
DSC_D[7:0]
81,83,85,93,95,97,99,8
I/O
Data for programming to access internal registers.
DSC_S
10
I
Strobe for programming to access internal registers.
DCLK
12
O
Dual-purpose. DCLK is the MPEG decoder clock.
EXT_CLK
I
EXT_CLK is the external clock. EXT_CLK is an input during bypass PLL mode.
RESET_B
13
I
Video reset (active-low).
MUTE
15
O
Audio mute.
MCLK
17
I
Audio master clock.
TWS
19
I
Dual-purpose. TWS is the transmit audio frame sync.
SPLL_OUT
O
SPLL_OUT is the select PLL output.
TSD
21
I
Transmit audio data input.
TBCK
22
I
Transmit audio bit clock.
RWS
23
O
Dual-purpose. RWS is the receive audio frame sync.
SEL_PLL1
I
SEL_PLL[1:0] select the PLL clock frequency for the DCLK output.
RSTOUT_B
24
O
Reset output (active-low).
NC
2:4,27:30,76
No connect.
RSD
33
O
Dual-purpose. RSD is the receive audio data input.
SEL_PLL0
I
SEL_PLL0 and SEL_PLL1 select the PLL clock frequency for the DCLK output. Refer to the
table for pin 23.
RBCK
37
O
Dual-purpose. RBCK is the receive audio bit clock.
SER_IN
I
SER_IN is the serial input DSC mode:
0 = Parallel DSC mode.
1 = Serial DSC mode.
VSSAA
41,51
I
Audio analog ground.
VCM
42
I
ADC common mode reference (CMR) buffer output. CMR is approximately 2.25V. Bypass to
analog ground with 47-
µF electrolytic in parallel with 0.1 µF.
VREFP
43
I
DAC and ADC maximum reference. Bypass to video CMR (VCMR) with 10
µF in parallel with
0.1
µF.
VCCAA
44
I
Analog VCC, 5V.
AOR+, AOR-
45:46
O
Right channel output.
AOL-, AOL+
47:48
O
Left channel output.
MIC1
49
I
Microphone input 1.
MIC2
50
I
Microphone input 2.
VREF
52
I
Internal resistor divider generates CMR voltage. Bypass to analog ground with 0.1
µF.
VREFM
53
I
DAC and ADC minimum reference. Bypass to VCMR with 10
µF in parallel with 0.1 µF.
RSET
54
I
Full-scale DAC current adjustment.
COMP
55
I
Compensation pin.
VSSAV
56:57,62:63
I
Video analog ground
CDAC
58
O
Modulated chrominance output.
VCCAV
59,60
I
Video VCC, 5V
YDAC
61
O
Y luminance data bus for screen video port.
VDAC
64
O
Composite video output.
ACAP
65
I
Audio CAP
XOUT
71
O
Crystal output.
XIN
74
I
27-MHz crystal input.
PCLK
79
I/O
13.5-MHz pixel clock.
2XPCLK
80
I/O
27-MHz (2 times pixel clock).
HSYN_B
82
O
Horizontal sync (active-low).
VSYN_B
84
O
Vertical sync (active-low).
YUV[7:0]
86:89,92,94,96,98
I
YUV data bus for screen video port.
Table 1 Visba ES3883 Pin Description (Continued)
Name
Number
I/O
Definition
SEL_PLL1
SEL_PLL0
DCLK
0
0
Bypass PLL (input mode)
0
1
27 MHz (output mode)
1
0
32.4 MHz (output mode)
1
1
40.5 MHz (output mode)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com