Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2426 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2426
Description  Monolithic Triple Channel 30 MHz DTV Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2426 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2426 Datasheet HTML 1Page - National Semiconductor (TI) LM2426 Datasheet HTML 2Page - National Semiconductor (TI) LM2426 Datasheet HTML 3Page - National Semiconductor (TI) LM2426 Datasheet HTML 4Page - National Semiconductor (TI) LM2426 Datasheet HTML 5Page - National Semiconductor (TI) LM2426 Datasheet HTML 6Page - National Semiconductor (TI) LM2426 Datasheet HTML 7Page - National Semiconductor (TI) LM2426 Datasheet HTML 8Page - National Semiconductor (TI) LM2426 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LM2426TE
Monolithic Triple Channel 30 MHz DTV Driver
General Description
The LM2426TE is an integrated high voltage CRT driver
circuit designed for use in HDTV applications. The IC con-
tains three high input impedance, wide band amplifiers
which directly drive the RGB cathodes of a CRT. Each
channel has its gain internally set to −53 and can drive CRT
capacitive loads as well as resistive loads present in other
applications, limited only by the package’s power dissipation.
The IC is packaged in an industry standard 11-lead TO-220
molded plastic power package designed specifically to meet
high voltage spacing requirements. See Thermal Consider-
ations section.
Features
n
0V to 5V input range
n
Greater than 130V
PP output swing capability
n
Stable with 0–20 pF capacitive loads and inductive
peaking networks
n
Convenient TO-220 staggered thin lead package style
Applications
n
AC coupled HDTV applications using the 1080i and
720p formats as well as standard NTSC and PAL
formats.
Connection Diagram
Schematic Diagram
20066402
Note: Tab is at GND
Top View
Order Number LM2426TE
FIGURE 1. Simplified Connection and Pinout Diagram
20066401
FIGURE 2. Simplified Schematic Diagram
(One Channel)
May 2003
© 2003 National Semiconductor Corporation
DS200664
www.national.com


Similar Part No. - LM2426

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
LM242-155.52M CONNOR-WINFIELD-LM242-155.52M Datasheet
138Kb / 2P
5.0x7.0mm Surface Mount LVDS Clock Oscillator Series
logo
National Semiconductor ...
LM2421 NSC-LM2421 Datasheet
998Kb / 13P
Monolithic Triple Channel HDTV Driver
LM2421TA NSC-LM2421TA Datasheet
998Kb / 13P
Monolithic Triple Channel HDTV Driver
LM2422 NSC-LM2422 Datasheet
603Kb / 8P
220V Monolithic Triple Channel 30 MHz CRT DTV Driver
LM2422 NSC-LM2422 Datasheet
602Kb / 8P
220V Monolithic Triple Channel 30 MHz CRT DTV Driver
More results

Similar Description - LM2426

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2423 NSC-LM2423 Datasheet
733Kb / 11P
220V Monolithic Triple Channel 15 MHz CRT DTV Driver
LM2425 NSC-LM2425 Datasheet
1Mb / 11P
220V Monolithic Triple Channel 10 MHz CRT DTV Driver
LM2429 NSC-LM2429 Datasheet
723Kb / 12P
Monolithic Triple Channel 15 MHz DTV Driver
LM2422 NSC-LM2422 Datasheet
603Kb / 8P
220V Monolithic Triple Channel 30 MHz CRT DTV Driver
LM2423 NSC-LM2423_06 Datasheet
1Mb / 11P
220V Monolithic Triple Channel 15 MHz CRT DTV Driver
LM2422_0505 NSC-LM2422_0505 Datasheet
602Kb / 8P
220V Monolithic Triple Channel 30 MHz CRT DTV Driver
LM2422TE NSC-LM2422TE Datasheet
1Mb / 13P
220V Monolithic Triple Channel 30 MHz CRT DTV Driver
logo
Texas Instruments
LM2422TE TI1-LM2422TE Datasheet
846Kb / 15P
Monolithic Triple Channel 30 MHz CRT DTV Driver
LM2429 TI1-LM2429 Datasheet
901Kb / 15P
Monolithic Triple Channel 15 MHz DTV Driver
LM2450 TI1-LM2450 Datasheet
3Mb / 14P
Monolithic Triple Channel 7 MHz DC Coupled CRT DTV Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com