Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC8220 Datasheet(PDF) 2 Page - Supertex, Inc

Part # TC8220
Description  Two Pair, N- and P-Channel Enhancement-Mode MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TC8220 Datasheet(HTML) 2 Page - Supertex, Inc

  TC8220 Datasheet HTML 1Page - Supertex, Inc TC8220 Datasheet HTML 2Page - Supertex, Inc TC8220 Datasheet HTML 3Page - Supertex, Inc TC8220 Datasheet HTML 4Page - Supertex, Inc TC8220 Datasheet HTML 5Page - Supertex, Inc TC8220 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Supertex inc.
www.supertex.com
Doc.# DSFP-TC8220
B080713
TC8220
Absolute Maximum Ratings
Parameter
Value
Drain-to-source voltage
BV
DSS
Drain-to-gate voltage
BV
DGS
Operating and storage temperature
-55°C to +150°C
Absolute Maximum Ratings are those values beyond which damage to
the device may occur. Functional operation under these conditions is not
implied. Continuous operation of the device at the absolute rating level
may affect device reliability. All voltages are referenced to device ground.
Pin Configuration
12-Lead DFN
(top view)
12-Lead DFN
Package Marking
Package may or may not include the following marks: Si or
8220
YWLL
Y = Last Digit of Year Sealed
W = Code for Week Sealed
L = Lot Number
= “Green” Packaging
1
2
3
4
5
6
12
11
10
9
8
7
SN1
DN1
DP1
SP1
DN2
DP2
GN1
GP1
GN2
SN2
GP2
SP2
Thermal
Pad
Ordering Information
Part Number
Package Option
Packing
TC8220K6-G
12-Lead DFN (4x4)
3000/Reel
Product Summary
BV
DSS/BVDGS
R
DS(ON) (max)
N-Channel
P-Channel
N-Channel
P-Channel
200V
-200V
5.3Ω
6.5Ω
Note:
1.0oz, 4-layer, 3”x4” PCB.
Typical Thermal Resistance
Package
θ
ja
12-Lead DFN
42OC/W
-G denotes a lead (Pb)-free / RoHS compliant package



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com