Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC8020 Datasheet(PDF) 2 Page - Supertex, Inc

Part # TC8020
Description  Six Pair, N- and P-Channel Enhancement-Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TC8020 Datasheet(HTML) 2 Page - Supertex, Inc

  TC8020 Datasheet HTML 1Page - Supertex, Inc TC8020 Datasheet HTML 2Page - Supertex, Inc TC8020 Datasheet HTML 3Page - Supertex, Inc TC8020 Datasheet HTML 4Page - Supertex, Inc TC8020 Datasheet HTML 5Page - Supertex, Inc TC8020 Datasheet HTML 6Page - Supertex, Inc TC8020 Datasheet HTML 7Page - Supertex, Inc TC8020 Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
TC8020
Supertex inc.
www.supertex.com
Doc.# DSFP-TC8020
C091112
Absolute Maximum Ratings
Parameter
Value
Drain-to-source voltage
BV
DSS
Drain-to-gate voltage
BV
DGS
Operating and storage temperature
-55°C to +150°C
Absolute Maximum Ratings are those values beyond which damage to
the device may occur. Functional operation under these conditions is not
implied. Continuous operation of the device at the absolute rating level
may affect device reliability. All voltages are referenced to device ground.
* Distance of 1.6mm from case for 10 seconds.
Pin Configuration
56-Lead QFN (K6)
Top View
56-Lead QFN (K6)
Package Marking
Package may or may not include the following marks: Si or
Thermal Characteristics
Package
θ
ja
56-Lead QFN (K6)
27OC/W
Note:
1.0oz, 4-layer, 3”x4” PCB
1
56
TC8020K6
LLLLLLLLL
YYWW
AAA CCC
L = Lot Number
YY = Year Sealed
WW = Week Sealed
A = Assembler ID
C = Country of Origin
= “Green” Packaging
Ordering Information
Part Number
Package Option
Packing
TC8020K6-G
56-Lead QFN (8x8)
250/Tray
-G indicates package is RoHS compliant (‘Green’)
Product Summary
BV
DSS/BVDGS
(V)
R
DS(ON)
(max) (Ω)
N-Channel
P-Channel
N-Channel
P-Channel
200
-200
8.0
9.5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com