Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC56D-USB Datasheet(PDF) 8 Page - Synaptics Incorporated.

Part # RC56D-USB
Description  INTEGRATED V.90/K56FLEX MODEM DEVICE SETS WITH USB INTERFACE FOR DESKTOP APPLICATIONS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

RC56D-USB Datasheet(HTML) 8 Page - Synaptics Incorporated.

Back Button RC56D-USB Datasheet HTML 4Page - Synaptics Incorporated. RC56D-USB Datasheet HTML 5Page - Synaptics Incorporated. RC56D-USB Datasheet HTML 6Page - Synaptics Incorporated. RC56D-USB Datasheet HTML 7Page - Synaptics Incorporated. RC56D-USB Datasheet HTML 8Page - Synaptics Incorporated. RC56D-USB Datasheet HTML 9Page - Synaptics Incorporated. RC56D-USB Datasheet HTML 10Page - Synaptics Incorporated. RC56D-USB Datasheet HTML 11Page - Synaptics Incorporated. RC56D-USB Datasheet HTML 12Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
5&'86%
,QWHJUDWHG9.IOH[0RGHP'HYLFH6HWVZLWK86%,QWHUIDFH

0'
Table 3. Device Descriptors
Offset
Field
Size
Value
Default
Description
0
bLength
1
Number
12
Size of this descriptor in bytes.
1
bDescriptorType
1
Constant
01
DEVICE Descriptor Type.
2
bcdUSB
2
BCD
0100
USB Specification Release Number in Binary-Coded Decimal (i.e.,
2.10 is 0x210). This field identifies the release of the USB
Specification that the device and its descriptors are compliant with.
4
bDeviceClass
1
Class
00
Class code (assigned by USB).
If this field is reset to 0, each interface within a configuration
specifies its own class information and the various interfaces operate
independently.
If this field is set to a value between 1 and 0xFE, the device supports
different class specifications on different interfaces and the
interfaces may not operate independently. This value identifies the
class definition used for the aggregate interfaces. (For example, a
CD-ROM device with audio and digital data interfaces that require
transport control to eject CDs or start them spinning.)
If this field is set to 0xFF, the device class is vendor specific.
5
bDeviceSubClass
1
SubClass
00
Subclass code (assigned by USB).
These codes are qualified by the value of the bDeviceClass field.
If the
bDeviceClass field is reset to 0, this field must also be reset to
0.
If the
bDeviceClass field is not set to 0xFF, all values are reserved
for assignment by USB.
6
bDeviceProtocol
1
Protocol
00
Protocol code (assigned by USB). These codes are qualified by the
value of the
bDeviceClass and the bDeviceSubClass fields. If a
device supports class-specific protocols on a device basis as
opposed to an interface basis, this code identifies the protocols that
the device uses as defined by the specification of the device class.
If this field is reset to 0, the device does not use class specific
protocols on a device basis. However, it may use class specific
protocols on an interface basis.
If this field is set to 0xFF, the device uses a vendor specific protocol
on a device basis.
7
bMaxPacketSize0
1
Number
08
Maximum packet size for endpoint zero (only 8, 16, 32, or 64 are
valid).
8
idVendor
2
ID
1394
Vendor ID (assigned by USB).
10
idProduct
2
ID
7470
Product ID (assigned by the manufacturer).
12
bcdDevice
2
BCD
0100
Device release number in binary-coded decimal.
14
iManufacturer
1
Index
01
Index of string descriptor describing manufacturer.
15
iProduct
1
Index
02
Index of string descriptor describing product.
16
iSerialNumber
1
Index
03
Index of string descriptor describing the device’s serial number.
17
bNumConfigurations
1
Number
02
Number of possible configurations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com