Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDF426AS4 Datasheet(PDF) 7 Page - Shoulder Electronics Limited.

Part # HDF426AS4
Description  This specification shall cover the characteristics of SAW filter With F426A used for the page
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF426AS4 Datasheet(HTML) 7 Page - Shoulder Electronics Limited.

  HDF426AS4 Datasheet HTML 1Page - Shoulder Electronics Limited. HDF426AS4 Datasheet HTML 2Page - Shoulder Electronics Limited. HDF426AS4 Datasheet HTML 3Page - Shoulder Electronics Limited. HDF426AS4 Datasheet HTML 4Page - Shoulder Electronics Limited. HDF426AS4 Datasheet HTML 5Page - Shoulder Electronics Limited. HDF426AS4 Datasheet HTML 6Page - Shoulder Electronics Limited. HDF426AS4 Datasheet HTML 7Page - Shoulder Electronics Limited. HDF426AS4 Datasheet HTML 8Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SAW FILTER
HDF426A
S4
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 7 of 8
8. TAPE SPECIFICATIONS
8.1 Tensile Strength of Carrier Tape: 4.4N/mm width
8.2 Top Cover Tape Adhesion (See the below figure)
(1) pull off angle: 0~15º
(2) speed: 300mm/min.
(3) force: 20~70g
[Figure 1] Carrier Tape Dimensions



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com