Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPI-21 Datasheet(PDF) 1 Page - Vicor Corporation

Part # QPI-21
Description  Active EMI Input Module for 48 Vdc Bus
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

QPI-21 Datasheet(HTML) 1 Page - Vicor Corporation

  QPI-21 Datasheet HTML 1Page - Vicor Corporation QPI-21 Datasheet HTML 2Page - Vicor Corporation QPI-21 Datasheet HTML 3Page - Vicor Corporation QPI-21 Datasheet HTML 4Page - Vicor Corporation QPI-21 Datasheet HTML 5Page - Vicor Corporation QPI-21 Datasheet HTML 6Page - Vicor Corporation QPI-21 Datasheet HTML 7Page - Vicor Corporation QPI-21 Datasheet HTML 8Page - Vicor Corporation QPI-21 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Quiet-Power®
Rev 1.5
vicorpower.com
Page 1 of 15
08/2015
800 927.9474
Active EMI Input Module for 48 Vdc Bus
Quiet-Power®
QPI-21
S
NRTL
CUS
Product Description
The QPI-21 active EMI filter attenuates conducted common-
mode (CM) and differential-mode (DM) noise over the
CISPR22 frequency range of 150 kHz to 30 MHz. The product
is designed for use in 48 Vdc bus (36 – 76 Vdc) systems, with
100 Vdc surge capability. The QPI-21’s 14 A rating supports
multiple DC-DC converter loads up to an ambient
temperature of 65°C without de-rating. Designed for the
telecom and ITE bus range, the QPI-21 supports the PICMG®
3.0 specification for filtering system boards to the EN55022
Class B limits.
In comparison to passive solutions, the use of active filtering
reduces component size and therefore reduces the overall
package size. The Picor QPI-21 smaller size saves valuable
board real estate and the reduced height enhances airflow.
The QPI-21 is available as a lidded or an open-frame SiP
(System-in-Package) module with LGA mounting. Evaluation
boards are available to allow for quick in-circuit testing of the
QPI-21LZ within an existing system design.
Features
45 dB CM attenuation at 250 KHz (50 Ω)
80 dB DM attenuation at 250 KHz (50 Ω)
80 Vdc (max input)
100 Vdc surge 100 ms
1,500 Vdc hipot hold off to shield plane
14 A rating
25.3 x 25.3 x 5.0 mm Lidded SiP (System-in-Package)
24.9 x 24.9 x 4.4 mm Open-frame SiP
Low profile LGA package
-40° to +125°C Ambient temperature (see Figure 14)
Efficiency >99%
Connect in series for higher attenuation
Pads for additional X filtering capacitance
cTÜVus approved to UL/CSA 60950-1 and EN 60950-1
CE marked to the LVD and RoHS Recast Directive
as applicable
Applications
ATCA blades
Telecom base stations
IBA & distributed power
Network switches and routers
Optical line-cards
TD-SCMA wireless infrastructure
Typical Applications
[b] CB1, CX1 capacitors, referenced in all schematics, are a 47uF electrolytic; United Chemi-Con EMVE101ARA470MKE0S or equivalent.
Figure 1 — QPI-21LZ (~1 in2 area)
IN+
IN-
PR
OUT+
OUT-
PC
SC
SENSE+
SENSE-
Shield Plane
BUS+
BUS-
Chassis/Shield
CB1
CY1
CY2
LOAD
CY3
CY4
CIN
Shield
BUS+
QPI+
BUS-
QPI-
XY+
XY-
CX1
Figure 2 — Typical QPI-21 circuit with a Vicor brick converter. Optional X (CX1) filter capacitor shown.[b]
QuietPower®
QPI-21LZ
U.S. PATENT NO. 6,898,092


Similar Part No. - QPI-21

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
QPI-21LZ VICOR-QPI-21LZ Datasheet
662Kb / 13P
14A Active EMI Filter SIP for 48 Vdc Bus
More results

Similar Description - QPI-21

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
QPI-4L VICOR-QPI-4L Datasheet
143Kb / 8P
7 Amp Active EMI Filter for 48 V DC Bus
QPI-1L VICOR-QPI-1L Datasheet
238Kb / 8P
12 Amp Active EMI Filter for 48V DC Bus
QPI-2L VICOR-QPI-2L Datasheet
206Kb / 8P
12 Amp Active EMI Filter for 24V DC Bus
QPI-3L VICOR-QPI-3L Datasheet
128Kb / 8P
7 Amp Active EMI Filter for 24V DC Bus
QPI-5L VICOR-QPI-5L Datasheet
128Kb / 8P
14 Amp Active EMI Filter for 24V DC Bus
QPI-6L VICOR-QPI-6L Datasheet
162Kb / 8P
14 Amp Active EMI Filter for 48V DC Bus
logo
Emerson Network Power
NTQ123-DC EMERSON-NETWORKPOWER-NTQ123-DC Datasheet
141Kb / 3P
-48 VDC input
logo
Vicor Corporation
QPI-21LZ VICOR-QPI-21LZ Datasheet
662Kb / 13P
14A Active EMI Filter SIP for 48 Vdc Bus
QPI-6 VICOR-QPI-6 Datasheet
1Mb / 13P
14 A Active EMI Filter SIP for 48 Vdc Bus
logo
Bel Fuse Inc.
0RCY-D4T123 BEL-0RCY-D4T123 Datasheet
805Kb / 12P
48 VDC Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com