Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM24 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM24
Description  Monolithic Triple 7.5 ns CRT Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM24 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM24 Datasheet HTML 2Page - National Semiconductor (TI) LM24 Datasheet HTML 3Page - National Semiconductor (TI) LM24 Datasheet HTML 4Page - National Semiconductor (TI) LM24 Datasheet HTML 5Page - National Semiconductor (TI) LM24 Datasheet HTML 6Page - National Semiconductor (TI) LM24 Datasheet HTML 7Page - National Semiconductor (TI) LM24 Datasheet HTML 8Page - National Semiconductor (TI) LM24 Datasheet HTML 9Page - National Semiconductor (TI) LM24 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Application Hints (Continued)
good example of a layout that can be used as a guide for fu-
ture layouts. Note the location of the following components:
•
C55 — V
CC bypass capacitor, located very close to pin 4
and ground pins
•
C43, C44 — V
BB bypass capacitors, located close to pin
8 and ground
•
C53–C56 — V
CC bypass capacitors, near LM2437 and
V
CC clamp diodes. Very important for arc protection.
The routing of the LM2437 outputs to the CRT is very critical
to achieving optimum performance.
Figure 12 shows the
routing and component placement from pin 1 of the LM2437
to the blue cathode. Note that the components are placed so
that they almost line up from the output pin of the LM2437 to
the blue cathode pin of the CRT connector. This is done to
minimize the length of the video path between these two
components. Note also that D14, D15, R29 and D13 are
placed to minimize the size of the video nodes that they are
attached to. This minimizes parasitic capacitance in the
video path and also enhances the effectiveness of the pro-
tection diodes. The anode of protection diode D14 is con-
nected directly to a section of the the ground plane that has
a short and direct path to the LM2437 ground pins. The cath-
ode of D15 is connected to V
CC very close to decoupling ca-
pacitor C55 (see
Figure 12) which is connected to the same
section of the ground plane as D14. The diode placement
and routing is very important for minimizing the voltage
stress on the LM2437 during an arcover event. Lastly, notice
that S3 is placed very close to the blue cathode and is tied
directly to CRT ground.
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com