Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XMC4100 Datasheet(PDF) 45 Page - Infineon Technologies AG

Part # XMC4100
Description  Microcontroller Series for Industrial Applications
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XMC4100 Datasheet(HTML) 45 Page - Infineon Technologies AG

Back Button XMC4100 Datasheet HTML 41Page - Infineon Technologies AG XMC4100 Datasheet HTML 42Page - Infineon Technologies AG XMC4100 Datasheet HTML 43Page - Infineon Technologies AG XMC4100 Datasheet HTML 44Page - Infineon Technologies AG XMC4100 Datasheet HTML 45Page - Infineon Technologies AG XMC4100 Datasheet HTML 46Page - Infineon Technologies AG XMC4100 Datasheet HTML 47Page - Infineon Technologies AG XMC4100 Datasheet HTML 48Page - Infineon Technologies AG XMC4100 Datasheet HTML 49Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 94 page
background image
XMC4100 / XMC4200
XMC4000 Family
Electrical Parameters
Data Sheet
45
V1.3, 2015-10
The power-up calibration of the ADC requires a maximum number of 4 352
f
ADCI cycles.
Figure 13
ADCx Input Circuits
Figure 14
ADCx Analog Input Leakage Current
Reference Voltage Input Circuitry
Analog Input Circuitry
Analog_InpRefDiag
R
EXT
=
V
AIN
C
EXT
R
AIN, On
C
AINTOT - CAINSW
C
AINSW
ANx
V
AREF
R
AREF, On
C
AREFTOT - CAREFSW
C
AREFSW
V
AGNDx
V
AREFx
R
AIN7T
V
AGNDx
ADC- Leakage.vsd
VIN [% VDDA]
200 nA
500 nA
3%
100%
97%
IOZ1
100 nA
-500 nA
-100 nA
Single ADC Input
Subject to Agreement on the Use of Product Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com