Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8420 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS8420
Description  DIGITAL AUDIO SAMPLE RATE CONVERTER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8420 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS8420 Datasheet HTML 9Page - Cirrus Logic CS8420 Datasheet HTML 10Page - Cirrus Logic CS8420 Datasheet HTML 11Page - Cirrus Logic CS8420 Datasheet HTML 12Page - Cirrus Logic CS8420 Datasheet HTML 13Page - Cirrus Logic CS8420 Datasheet HTML 14Page - Cirrus Logic CS8420 Datasheet HTML 15Page - Cirrus Logic CS8420 Datasheet HTML 16Page - Cirrus Logic CS8420 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 80 page
background image
CS8420
DS245PP2
13
direct 256*Fsi clock input via the RMCK pin, in-
stead of the PLL.
Figure 9 shows audio data entering via the AES3
Receiver. The PLL locks onto the pre-ambles in the
incoming audio stream, and generates a 256*Fsi
clock. The rate converted data is then output via the
serial audio output port and via the AES3 transmit-
ter.
Figure 10 shows the same data flow as Figure 7.
The input clock is derived from an incoming AES3
data stream. The incoming data must be synchro-
nous to the AES3 data stream.
Figure 11 shows the same data flow as Figure 7.
The input data must be synchronous to OMCK.
The output data is clocked by the recovered PLL
clock from an AES3 input stream. This may be
used to implement a “house sync” architecture.
Figure 8 shows audio data entering via the AES3
receiver, passing through the sample rate converter,
and then exiting via the serial audio output port.
Synchronous audio data may then be input via the
serial audio input port and output via the AES3
transmitter.
Figure 13 is the same as Figure 12, but without the
sample rate converter. The whole data path is
clocked via the PLL generated recovered clock.
Figure 14 illustrates a standard AES3 receiver
function, with no rate conversion.
Figure 15 shows a standard AES3 transmitter func-
tion, with no rate conversion.
Figure 7. Serial Audio Input, using PLL, SRC enabled
Figure 8. Serial Audio Input, No PLL, SRC enabled
Serial
Audio
Input
AES3
Encoder
&Driver
Serial
Audio
Output
Sample
Rate
Converter
ILRCK
ISCLK
SDIN
OLRCK
OSCLK
SDOUT
TXP
TXN
PLL
RMCK
OMCK
TXD1-0:
SPD1-0:
SRCD:
OUTC:
INC:
RXD1-0:
00
00
0
0
0
00
Clock Source Control Bits
Data Flow Control Bits
Serial
Audio
Input
AES3
Encoder
&Driver
Serial
Audio
Output
Sample
Rate
Converter
ILRCK
ISCLK
SDIN
OLRCK
OSCLK
SDOUT
TXP
TXN
RMCK
OMCK
TXD1-0:
SPD1-0:
SRCD:
OUTC:
INC:
RXD1-0:
00
00
0
0
0
10
Clock Source Control Bits
Data Flow Control Bits
AES3
Encoder
&Driver
Serial
Audio
Output
Sample
Rate
Converter
OLRCK
OSCLK
SDOUT
TXP
TXN
PLL
RMCK
OMCK
TXD1-0:
SPD1-0:
SRCD:
OUTC:
INC:
RXD1-0:
00
00
1
0
0
01
Clock Source Control Bits
Data Flow Control Bits
AES3
Rx &
Decode
RXP
RXN
Serial
Audio
Input
AES3
Encoder
&Driver
Serial
Audio
Output
Sample
Rate
Converter
ILRCK
ISCLK
SDIN
OLRCK
OSCLK
SDOUT
TXP
TXN
PLL
RMCK OMCK
TXD1-0:
SPD1-0:
SRCD:
OUTC:
INC:
RXD1-0:
00
00
0
0
0
01
Clock Source Control Bits
Data Flow Control Bits
AES3
Rx
RXP
RXN
Figure 9. AES3 Input, SRC enabled
Figure 10. Serial Audio Input, AES3 Input Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com