Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS61535A-IP1 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS61535A-IP1
Description  T1/E1 LINE INTERFACE
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61535A-IP1 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS61535A-IP1 Datasheet HTML 3Page - Cirrus Logic CS61535A-IP1 Datasheet HTML 4Page - Cirrus Logic CS61535A-IP1 Datasheet HTML 5Page - Cirrus Logic CS61535A-IP1 Datasheet HTML 6Page - Cirrus Logic CS61535A-IP1 Datasheet HTML 7Page - Cirrus Logic CS61535A-IP1 Datasheet HTML 8Page - Cirrus Logic CS61535A-IP1 Datasheet HTML 9Page - Cirrus Logic CS61535A-IP1 Datasheet HTML 10Page - Cirrus Logic CS61535A-IP1 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
E1 SWITCHING CHARACTERISTICS (TA = -40
°C to 85°C; TV+, RV+ = 5.0V ±5%;
GND = 0V; Inputs: Logic 0 = 0V, Logic 1 = RV+; See Figures 1, 2, & 3)
Parameter
Symbol
Min
Typ
Max
Units
Crystal Frequency
(Note 29)
fc
-
8.192000
-
MHz
ACLKI Duty Cycle
tpwh3/tpw3
40
-
60
%
ACLKI Frequency
(Note 30)
faclki
-2.048
-
MHz
RCLK Duty Cycle
(Notes 31, 32)
tpwh1/tpw1
-29
-
%
RCLK Cycle Width
(Note 32)
tpw1
tpwh1
tpwl1
310
90
120
488
140
348
670
190
500
ns
ns
ns
RCLK Cycle Width
(Note 32)
tpw1
tpwh1
tpwl1
320
-
100
488
348
140
670
-
-
ns
ns
ns
Rise Time, All Digital Outputs
(Note 33)
tr
-
-
85
ns
Fall Time, All Digital Outputs
(Note 33)
tf
-
-
85
ns
TPOS/TNEG (TDATA) to TCLK Falling Setup Time
tsu2
25
-
-
ns
TCLK Falling to TPOS/TNEG (TDATA) Hold Time
th2
25
-
-
ns
RPOS/RNEG Valid Before RCLK Falling
(Note 34)
tsu1
100
194
-
ns
RDATA Valid Before RCLK Falling
(Note 35)
tsu1
100
194
-
ns
RPOS/RNEG Valid Before RCLK Rising
(Note 31)
tsu1
100
194
-
ns
RPOS/RNEG Valid After RCLK Falling
(Note 34)
th1
100
194
-
ns
RDATA Valid After RCLK Falling
(Note 35)
th1
100
194
-
ns
RPOS/RNEG Valid After RCLK Rising
(Note 31)
th1
100
194
-
ns
TCLK Frequency
ftclk
-2.048
-
MHz
TCLK Pulse Width
(Notes 31, 34, 36, 37)
(Notes 35, 36, 37)
tpwh2
80
150
-
-
340
340
ns
ns
TCLK
TPOS/TNEG
t su2
t h2
t pwh2
t pw2
Figure 3a. Transmit Clock and Data Switching
Characteristics
ACLKI
t pwh3
t pw3
Figure 3b. Alternate External Clock Characteristics
Any Digital Output
t r
t f
10%
10%
90%
90%
Figure 2. Signal Rise and Fall Characteristics
CS61535A
DS40F2
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com