Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2000F Datasheet(PDF) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

Part # R2000F
Description  0.5&0.2AMPS. FAST RECOVERY PLASTIC RECTIFIER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
Direct Link  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd

R2000F Datasheet(HTML) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

  R2000F Datasheet HTML 1Page - Chongqing Pingwei Enterprise co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
- 241 -
R1200F THRU R3000F
0.5&0.2AMPS. FAST RECOVERY PLASTIC RECTIFIER
FEATURE
.
Fast switching
.
High current capability
.
Low forward voltage drop
.
Low power loss, high efficiency
.
High surge capability
.
High voltage
.
High temperature soldering guaranteed
260°C /10sec/ 0.375" lead length at 5 lbs tension
MECHANICAL DATA
.
Terminal: Plated axial leads solderable per
MIL-STD 202E, method 208C
.
Case: Molded with UL-94 Class V-0 recognized
Flame Retardant Epoxy
.
Polarity: color band denotes cathode
.
Mounting position: any
DO-41
.787(20.0)
M IN.
.205(5.2)
.166(4.2)
.787(20.0)
M IN.
.107(2.7)
.080(2.0)
DIA.
+
-
.032(0.8)
.025(0.65)
DIA.
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRONICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz,resistive or inductive load.
For capacitive load, derate current by 20%.
Type Number
SYMBOL R1200F R1500F R1800F R2000F R2500F R3000F units
Maximum Recurrent Peak Reverse Voltage
VRRM
1200
1500
1800
2000
2500
3000
V
Maximum RMS Voltage
VRMS
840
1050
1260
1400
1750
2100
V
Maximum DC Blocking Voltage
VDC
1200
1500
1800
2000
2500
3000
V
Maximum Average Forward rectified Current
at TA=50°C
IF(AV)
0.5
0.2
A
Peak Forward Surge Current 8.3ms single half
sine-wave superimposed on rate load (JEDEC
method)
IFSM
30
A
Maximum Forward Voltage Drop per element at
0.5/0.2A DC
VF
2.5
4.0
5.0
V
Maximum DC Reverse Current @TA=25°C
at rated DC blocking voltage
@TA =100°C
IR
5.0
500
µA
Maximum Full Load Reverse Current Average
Full Cycle .375”(9.5mm) lead length at TL=55°C
100
Maximum Reverse Recovery Time (Note 1 )
trr
500
ns
Typical Junction Capacitance (Note 2)
CJ
30
pF
Storage Temperature
TSTG
-55 to +150
°C
Operation Junction Temperature
TJ
-55 to +125
°C
Note:
1. Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1MHz and applied reverse voltage of 4.0V.


Similar Part No. - R2000F

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
R2000F RECTRON-R2000F Datasheet
20Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIER (VOLTAGE RANGE 1200 to 2000 Volts CURRENT 0.2 to 0.5 Ampere)
logo
Jinan Gude Electronic D...
R2000F JGD-R2000F Datasheet
128Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
Bytes
R2000F BYTES-R2000F Datasheet
154Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
Dc Components
R2000F DCCOM-R2000F Datasheet
410Kb / 2P
TECHNICAL SPECIFICATIONS OF HIGH VOLTAGE FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
R2000F DIODES-R2000F Datasheet
59Kb / 2P
HIGH VOLTAGE RECTIFIER
DS21102 Rev. G-2
More results

Similar Description - R2000F

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N4933 PANJIT-1N4933_04 Datasheet
40Kb / 2P
FAST RECOVERY PLASTIC RECTIFIER
BA157 PANJIT-BA157_04 Datasheet
48Kb / 2P
FAST RECOVERY PLASTIC RECTIFIER
PS100R PANJIT-PS100R_05 Datasheet
98Kb / 2P
FAST RECOVERY PLASTIC RECTIFIER
logo
Chongqing Pingwei Enter...
1F1 CHONGQING-1F1 Datasheet
40Kb / 1P
FAST RECOVERY PLASTIC RECTIFIER
BA157G CHONGQING-BA157G Datasheet
38Kb / 1P
FAST RECOVERY PLASTIC RECTIFIER
FR2A CHONGQING-FR2A Datasheet
41Kb / 1P
FAST RECOVERY PLASTIC RECTIFIER
FR201G CHONGQING-FR201G Datasheet
39Kb / 1P
FAST RECOVERY PLASTIC RECTIFIER
FR201 CHONGQING-FR201 Datasheet
39Kb / 1P
FAST RECOVERY PLASTIC RECTIFIER
FR301G CHONGQING-FR301G Datasheet
39Kb / 1P
FAST RECOVERY PLASTIC RECTIFIER
RFC2K CHONGQING-RFC2K_16 Datasheet
176Kb / 1P
0.2AMPS. HIGH VOLTAGE FAST RECOVERY RECTIFIERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com