Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST26C32IF16 Datasheet(PDF) 3 Page - Exar Corporation

Part # ST26C32IF16
Description  QUAD RS-422, RS-423 CMOS Differential Line Receiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST26C32IF16 Datasheet(HTML) 3 Page - Exar Corporation

  ST26C32IF16 Datasheet HTML 1Page - Exar Corporation ST26C32IF16 Datasheet HTML 2Page - Exar Corporation ST26C32IF16 Datasheet HTML 3Page - Exar Corporation ST26C32IF16 Datasheet HTML 4Page - Exar Corporation ST26C32IF16 Datasheet HTML 5Page - Exar Corporation ST26C32IF16 Datasheet HTML 6Page - Exar Corporation ST26C32IF16 Datasheet HTML 7Page - Exar Corporation ST26C32IF16 Datasheet HTML 8Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ST26C32
3
Rev. 1.01
AC ELECTRICAL CHARACTERISTICS
Test Conditions: TA = -40°C - +85°C, VCC = 5.0V + 10% unless otherwise specified.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
T1
Propagation Delay, Input to
Output
8
10
ns
S1=VCC
T2
Propagation Delay, Input to
Output
18
20
ns
S1=GND
T3
Output Enable Time
18
20
ns
VDIF=2.5V
T4
Output Disable Time
18
20
ns
VDIF=2.5V
DC ELECTRICAL CHARACTERISTICS
Test Conditions: TA = -40°C - +85°C, VCC = 5.0V + 10% unless otherwise specified.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
VIH
Enable High Level
2.0
V
VIL
Enable Low Level
0.8
V
VOH
Output High Level
3.8
4.2
V
IOH= -6mA
VOL
Output Low Level
0.4
V
IOH= 6mA
VID
Differential Input Level
-0.2
0.2
V
-7V < VCM < +7V
VH
Input Hysteresis
50
mV
IIN
Input Current
+1.0
mA
ICC
Operating Current
12
mA
VDIF=+1V
IOZ
Three-State Output Leakage
+1.0
+5.0
mA
VOUT=VCC or GND
IEN
Enable Input Current
+1.0
mA
VIN=VCC or GND
VR
Input Resistance
5
15
K
W
-7V < VCM < +7V
Specifications are subject to change without notice
ABSOLUTE MAXIMUM RATINGS
Supply Range
7V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage at Any Pin
GND-0.3V to VCC + 0.3V
. . . . . . . .
Operating Temperature
–40
°C to +85°C
. . . . . . . . . . .
Storage Temperature
-60
°C to +160°C
. . . . . . . . . . . .
Package Dissipation
500mW
. . . . . . . . . . . . . . . . . . . . .



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com