| Electronic Components Datasheet Search |
|
TMP06ART-REEL Datasheet(PDF) 18 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
TMP06ART-REEL Datasheet(HTML) 18 Page - Analog Devices |
|
18 / 28 page ![]() TMP05/TMP06 Rev. 0 | Page 18 of 28 TEMPERATURE MONITORING The TMP05/TMP06 are ideal for monitoring the thermal environment within electronic equipment. For example, the surface-mounted package accurately reflects the exact thermal conditions that affect nearby integrated circuits. The TMP05/TMP06 measure and convert the temperature at the surface of their own semiconductor chip. When the TMP05/ TMP06 are used to measure the temperature of a nearby heat source, the thermal impedance between the heat source and the TMP05/TMP06 must be considered. Often, a thermocouple or other temperature sensor is used to measure the temperature of the source, while the TMP05/TMP06 temperature is monitored by measuring TH and TL. Once the thermal impedance is deter- mined, the temperature of the heat source can be inferred from the TMP05/TMP06 output. One example of using the TMP05/TMP06’s unique properties is in monitoring a high power dissipation microprocessor. The TMP05/TMP06 part, in a surface-mounted package, is mounted directly beneath the microprocessor’s pin grid array (PGA) package. In a typical application, the TMP05/TMP06’s output is connected to an ASIC, where the pulse width is measured. The TMP05/TMP06 pulse output provides a significant advantage in this application, because it produces a linear temperature output while needing only one I/O pin and without requiring an ADC. DAISY-CHAIN APPLICATION This section provides an example of how to connect two TMP05s in daisy-chain mode to a standard 8052 microcon- troller core. The ADuC812 is the microcontroller used in the following example and has the 8052 as its core processing engine. Figure 32 shows how to interface to the 8052 core device. TMP05 Program Code Example 1 shows how to communicate from the ADuC812 to the two daisy-chained TMP05s. This code can also be used with the ADuC831 or any microprocessor running on an 8052 core. Figure 32 is a diagram of the input waveform into the ADuC812 from the TMP05 daisy chain, and it shows how the code’s variables are assigned. It should be referenced when reading TMP05 Program Code Example 1. Application notes are available on the Analog Devices Web site showing the TMP05 working with other types of microcontrollers. TIMER T0 STARTS TEMPSEGMENT = 1 TEMPSEGMENT = 2 TEMPSEGMENT = 3 TEMP_HIGH2 TEMP_HIGH1 TEMP_LOW0 TEMP_LOW1 TEMP_HIGH0 INTO INTO INTO Figure 32. Reference Diagram for Software Variables in TMP05 Program Code Example 1 Figure 33 shows how the three devices are hardwired together. Figure 34 to Figure 36 are flow charts for this program. VDD START PULSE TH (U2) TL (U2) TL (U1) TH (U1) T0 TIME TH (U1) TL (U1) GND FUNC CONV/IN OUT TMP05 (U1) GND FUNC CONV/IN OUT TMP05 (U2) ADuC812 P3.7 P3.2/INTO TIME START PULSE START PULSE T0 VDD 0.1 µF VDD VDD 0.1 µF VDD VDD Figure 33. Typical Daisy-Chain Application Circuit |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |