Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ULC3314P Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # ULC3314P
Description  ULTRA LOW CAPACITANCE ESD PROTECTION DIODES ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

ULC3314P Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  ULC3314P Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd ULC3314P Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd ULC3314P Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd ULC3314P Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd ULC3314P Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd ULC3314P Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ULC3314P
ULTRA LOW CAPACITANCE ESD PROTECTION DIODES ARRAY
Features
●
Ultra low leakage: nA level
●
Operating voltage: 3.3V
●
Low clamping voltage
●
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±25kV
Contact discharge: ±15kV
– IEC61000-4-4 (EFT) 40A (5/50ns)
– IEC61000-4-5 (Lightning) 10A (8/20μs)
RoHS Compliant
Applications
●
USB 3.0 /USB 3.1 Interfaces
●
HDMI 1.4/HDMI2.0 Interfaces
●
Video Graphics Cards
●
Notebooks Desktops, and Servers
●
Portable Instrumentation
●
Industrial Controls
Dimensions DFN2510P10
Pin Configuration
Mechanical Characteristics
●
Package: DFN2510P10
●
Lead Finish: Lead Free
●
UL Flammability Classification Rating 94V-0
●
Quantity Per Reel:3,000pcs
●
Reel Size:7 inch
Rev : 01.06.2015
1/6
www.leiditech.com
Absolute Maximum Ratings(Tamb=25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Peak Pulse Power (8/20µs)
Ppp
150
W
ESD per IEC 61000−4−2 (Air)
VESD
±
25
Kv
ESD per IEC 61000−4−2 (Contact)
±
15
Operating Temperature Range
TJ
-55 to +125
℃
Storage Temperature Range
TSTJ
-55 to +150
℃
Configuration per Line


Similar Part No. - ULC3314P

ManufacturerPart #DatasheetDescription
logo
UN Semiconducctor INC
ULC3314P10 UNSEMI-ULC3314P10 Datasheet
706Kb / 4P
Transient Voltage Suppressors for ESD Protection
Revision March 1,2022
More results

Similar Description - ULC3314P

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TESDH5V0A TSC-TESDH5V0A Datasheet
376Kb / 4P
Ultra low capacitance ESD Protection Array
TESDM5V0A TSC-TESDM5V0A Datasheet
183Kb / 4P
Ultra Low Capacitance ESD Protection Array
logo
NXP Semiconductors
NUP1301U115 PHILIPS-NUP1301U115 Datasheet
138Kb / 14P
Ultra low capacitance ESD protection array
Rev. 1-28 January 2011
logo
Taiwan Semiconductor Co...
TESDH5V0A TSC-TESDH5V0A_15 Datasheet
277Kb / 5P
Ultra Low Capacitance ESD Protection Array
logo
Rectron Semiconductor
TEP0504DLC RECTRON-TEP0504DLC Datasheet
176Kb / 5P
Ultra Low Capacitance ESD Protection Array
logo
Nexperia B.V. All right...
NUP1301U NEXPERIA-NUP1301U Datasheet
725Kb / 14P
Ultra low capacitance ESD protection array
logo
Rectron Semiconductor
ESD05LD RECTRON-ESD05LD Datasheet
280Kb / 5P
Ultra Low Capacitance ESD Protection Diodes Array
ESD05LDV RECTRON-ESD05LDV Datasheet
281Kb / 5P
Ultra Low Capacitance ESD Protection Diodes Array
TEP0516LC RECTRON-TEP0516LC Datasheet
151Kb / 6P
Ultra Low Capacitance ESD Protection Array
logo
Nexperia B.V. All right...
NUP1301U-Q NEXPERIA-NUP1301U-Q Datasheet
274Kb / 12P
Ultra low capacitance ESD protection array
6 May 2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com