Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL3474CPWR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TL3474CPWR
Description  HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL3474CPWR Datasheet(HTML) 4 Page - Texas Instruments

  TL3474CPWR Datasheet HTML 1Page - Texas Instruments TL3474CPWR Datasheet HTML 2Page - Texas Instruments TL3474CPWR Datasheet HTML 3Page - Texas Instruments TL3474CPWR Datasheet HTML 4Page - Texas Instruments TL3474CPWR Datasheet HTML 5Page - Texas Instruments TL3474CPWR Datasheet HTML 6Page - Texas Instruments TL3474CPWR Datasheet HTML 7Page - Texas Instruments TL3474CPWR Datasheet HTML 8Page - Texas Instruments TL3474CPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
TL3474, TL3474A
HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
SLVS461B – JANUARY 2003 – REVISED JULY 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VCC± = ±15 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
T
TL3474
TL3474A
UNIT
PARAMETER
TEST CONDITIONS
TA
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
It ff
t
VCC = 5 V
25
°C
1.5
10
1.5
3
VIO
Input offset
voltage
VCC = ±15 V
25
°C
1.0
10
1.0
3
mV
voltage
VCC = ±15 V
Full range‡
12
5
αVIO
Temperature
coefficient of input
offset voltage
VIC = 0,
VO = 0,
RS =50 Ω
VCC = ±15 V Full range‡
10
10
µV/°C
IIO
Input offset
RS = 50 Ω
VCC = ±15 V
25
°C
6
75
6
75
nA
IIO
current
VCC = ±15 V
Full range‡
300
300
nA
IIB
Input bias current
VCC = ±15 V
25
°C
100
500
100
500
nA
IIB
Input bias current
VCC = ±15 V
Full range‡
700
700
nA
VICR
Common-mode
input voltage
RS =50 Ω
25
°C
–15
to
12.8
–15
to
12.8
V
VICR
input voltage
range
RS = 50 Ω
Full range‡
–15
to
12.8
–15
to
12.8
V
V
High-level
VCC+ = 5 V, VCC– = 0,
RL = 2 kΩ
25
°C
3.7
4
3.7
4
V
VOH
High level
output voltage
RL = 10 kΩ
25
°C
13.6
14
13.6
14
V
RL = 2 kΩ
Full range‡
13.4
13.4
V
Low-level
VCC+ = 5 V, VCC– = 0,
RL = 2 kΩ
25
°C
0.1
0.3
0.1
0.3
V
VOL
Low level
output voltage
RL = 10 kΩ
25
°C
–14.7
–14.3
–14.7
–14.3
V
RL = 2 kΩ
Full range‡
–13.5
–13.5
AVD
Large-signal
differential
VO = ±10 V RL =2kΩ
25
°C
25
100
25
100
V/mV
AVD
voltage
amplification
VO = ±10 V, RL = 2 kΩ
Full range‡
20
20
V/mV
IOS
Short-circuit
Source: VID = 1 V,
VO = 0
25
°C
–10
–34
–10
–34
mA
IOS
output current
Sink: VID = –1 V,
VO = 0
25
°C
20
27
20
27
mA
CMRR
Common-mode
VIC =VICR(min)
RS =50 Ω
25
°C
65
97
80
97
dB
CMRR
rejection ratio
VIC = VICR(min),
RS = 50 Ω
25
°C
65
97
80
97
dB
kSVR
Supply-voltage
rejection ratio
(
∆VCC±/∆VIO)
VCC
± = ±13.5 V to ±16.5 V,
RS = 100 Ω
25
°C
70
97
70
97
dB
VO =0
No load
25
°C
3.5
4.5
3.5
4.5
ICC
Supply current
VO = 0,
No load
Full range‡
4.5
5.5
4.5
5.5
mA
ICC
(per channel)
VCC+ = 5 V, VO = 2.5 V,
VCC– = 0, No load
25
°C
3.5
4.5
3.5
4.5
mA
† All typical values are at TA = 25°C.
‡ Full range is 0
°C to 70°C for the TL3474C, TL3474AC devices and –40°C to 105°C for the TL3474I, TL3474AI devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com