Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAB0307021 Datasheet(PDF) 2 Page - Power System Technology

Part # FAB0307021
Description  DC/DC liquid cooled converter for automotive application with output current control
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

FAB0307021 Datasheet(HTML) 2 Page - Power System Technology

  FAB0307021 Datasheet HTML 1Page - Power System Technology FAB0307021 Datasheet HTML 2Page - Power System Technology FAB0307021 Datasheet HTML 3Page - Power System Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ENVIRONMENTAL
Storage temperature :
-40°C to +100°C
Operating temperature :
-40°C to +60°C, liquid cooled
ISOLATION
Input to chassis :
1500Vdc
Output to Chassis :
1500Vdc
SIGNALS
Monitoring :
Input voltage with 4-20mA isolated signal
Output voltage with 4-20mA isolated signal
Input current with 4-20mA isolated signal
Output current with 4-20mA isolated signal
Power Good :
Isolated by open collector
Inhibit :
Isolated, put low to inhibit
Programming :
Control of the output current by an external PWM signal from 10 to 100 %
Overtemperature : Isolated by open collector
PROTECTION
Output :
Overvoltage protected :
reset input voltage to restart
Overtemperature protection : 90°C typ. by thermostat ; Automatic restart
FAB0307021
2/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com