Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAB0402001 Datasheet(PDF) 1 Page - Power System Technology

Part # FAB0402001
Description  Industrial
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

FAB0402001 Datasheet(HTML) 1 Page - Power System Technology

  FAB0402001 Datasheet HTML 1Page - Power System Technology FAB0402001 Datasheet HTML 2Page - Power System Technology FAB0402001 Datasheet HTML 3Page - Power System Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3U x 3TE x 160 mm
Vin : 24 Vdc
Vout : +5V, +12V, -12V
5V fully independent
Remote ON/OFF
Pout max : 55W
Option : adj. range +/-10% by resistor or potentiometer
Very low profile
APPLICATIONS
Industrial.
INPUT
Voltage :
24Vdc nominal,
range : 18-36Vdc
Transient protection : EN50155
Surge voltage 50V max. 1 seconde max.
Fuse protection
Reverse polarity protection
EMI : EN55022A, EN50121-3-2, conducted.
OUTPUT
Voltage :
+5V, +12V, -12V
Imax :
5A, 1,25A, 1,25A
Pmax. : 55W
Efficiency :
85,5 %
Current limit and short circuit :
protected on every output (continuous, automatic recovery)
Overvoltage protection
Typ.
Line regulation
Load regulation
Ripple and noise
Current limit
0,2 %
1 %
2 %
110 to 135 %
of I nominal
Low line to high line ;
full load
10% to full load
Peak to peak -
Bandwidth 20MHz
according to o/p voltage
Constant current ;
Automatic restart
0,3 %
1,5 %
Senses
No
OUTPUT 1
Conditions
Max.
Typ.
0,2 %
2 %
1 %
110 to 135 %
of I nominal
0,3 %
3 %
No
OUTPUT 2
Max.
Typ.
0,2 %
2 %
1 %
110 to 135 %
of I nominal
0,3 %
3 %
No
OUTPUT 3
Max.
FAB0402001
1/3


Similar Part No. - FAB0402001

ManufacturerPart #DatasheetDescription
logo
Power System Technology
FAB0401001 PST-FAB0401001 Datasheet
230Kb / 3P
Naval defence
FAB0401002 PST-FAB0401002 Datasheet
232Kb / 3P
Vehicule, industrial and high temperature application. Very low profile
FAB0403012 PST-FAB0403012 Datasheet
211Kb / 3P
Naval
FAB0404010 PST-FAB0404010 Datasheet
213Kb / 3P
Railways and industrial applications
More results

Similar Description - FAB0402001

ManufacturerPart #DatasheetDescription
logo
General Electric Compan...
9440 GEC-9440 Datasheet
232Kb / 1P
INDUSTRIAL
logo
Allen-Bradley
700S-CF440 ALLEN-BRADLEY-700S-CF440 Datasheet
250Kb / 5P
Industrial Relays
logo
Vincotech
V23990-P544-X3X-D4-14 VINCOTECH-V23990-P544-X3X-D4-14 Datasheet
845Kb / 23P
Industrial drives
logo
Red Lion Controls. Inc
VT-UIPM-431-H REDLION-VT-UIPM-431-H Datasheet
492Kb / 2P
Industrial RTU
logo
Power System Technology
FAB9810012-16 PST-FAB9810012-16 Datasheet
216Kb / 3P
Industrial / Medical
PST06 PST-PST06 Datasheet
285Kb / 4P
Industrial / Transportation
PST09 PST-PST09 Datasheet
251Kb / 4P
Industrial
PST20 PST-PST20 Datasheet
221Kb / 3P
Industrial applications
logo
Cherry Semiconductor Co...
G81-7040LUVEU-0 CHERRY-G81-7040LUVEU-0 Datasheet
154Kb / 2P
INDUSTRIAL
logo
OSRAM GmbH
GWCSSRM3.PM OSRAM-GWCSSRM3.PM Datasheet
1Mb / 27P
Highbay Industrial
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com