Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDF4803TO39 Datasheet(PDF) 4 Page - Shoulder Electronics Limited.

Part # HDF4803TO39
Description  Constant group delay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF4803TO39 Datasheet(HTML) 4 Page - Shoulder Electronics Limited.

  HDF4803TO39 Datasheet HTML 1Page - Shoulder Electronics Limited. HDF4803TO39 Datasheet HTML 2Page - Shoulder Electronics Limited. HDF4803TO39 Datasheet HTML 3Page - Shoulder Electronics Limited. HDF4803TO39 Datasheet HTML 4Page - Shoulder Electronics Limited. HDF4803TO39 Datasheet HTML 5Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SAW FILTER
HDF480-3
TO39
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 4 of 5
Frequency Characteristics
4.Performance
4-1.Maximum Rating
DC Voltage VDC
0V
AC Voltage VPP
5V(50Hz/60Hz)
Storage Temperature
-40℃to +80℃
Operable Temperature
-25℃to +85℃
4-2 Electronic Characteristics
Preliminary
data
Characteristics
Ambient
temperance
TA=25℃
Source
impedance
ZS=50Ω
load
impedance
ZL=50Ω



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com