Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA3003D2PFB Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3003D2PFB
Description  3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA3003D2PFB Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPA3003D2PFB Datasheet HTML 10Page - Texas Instruments TPA3003D2PFB Datasheet HTML 11Page - Texas Instruments TPA3003D2PFB Datasheet HTML 12Page - Texas Instruments TPA3003D2PFB Datasheet HTML 13Page - Texas Instruments TPA3003D2PFB Datasheet HTML 14Page - Texas Instruments TPA3003D2PFB Datasheet HTML 15Page - Texas Instruments TPA3003D2PFB Datasheet HTML 16Page - Texas Instruments TPA3003D2PFB Datasheet HTML 17Page - Texas Instruments TPA3003D2PFB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
TPA3003D2
SLOS406A − FEBRUARY 2003 − REVISED MARCH 2003
14
www.ti.com
APPLICATION INFORMATION
C11
C17
10 nF
C20
C12
10 nF
C21
220pF
C6
R1
C8
100 nF
C14
C7
C2
C1
C4
C3
LIN−
RIN−
SHUTDOWN
TPA3003D2
VCLAMPR
SD
V2P5
RINP
LINN
LINP
AVDDREF
VREF
AGND
AGND
VOLUME
REFGND
MUTE
NC
NC
NC
FADE
AVDD
AGND
COSC
ROSC
AVCC
VCLAMPL
RINN
C16
C5
P1
C9
C15
10 nF
C18
C10
10 nF
C19
VCC
L3
(Bead)
C24
1nF
L4
(Bead)
C25
1nF
GND
AVDD
C13
GND
MUTE
AGND
AGND
AGND
PGND
PGND
PGND
PGND
GND
L1
(Bead)
C22
1 nF
L2
(Bead)
C23
1 nF
10
µF
0.1uF
0.1uF
1
µF
0.1
µF
10
µF
120 k
Ω
1
µF
0.1
µF
0.1
µF
10
µF
50 k
Ω
1
µF
1
µF
1
µF
1
µF
1
µF
CONTROL
Figure 21. Stereo Configuration With Single-Ended Inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com