Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN2540 Datasheet(PDF) 1 Page - Supertex, Inc

Part # TN2540
Description  N-Channel Enhancement-Mode Vertical DMOS FET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TN2540 Datasheet(HTML) 1 Page - Supertex, Inc

  TN2540_13 Datasheet HTML 1Page - Supertex, Inc TN2540_13 Datasheet HTML 2Page - Supertex, Inc TN2540_13 Datasheet HTML 3Page - Supertex, Inc TN2540_13 Datasheet HTML 4Page - Supertex, Inc TN2540_13 Datasheet HTML 5Page - Supertex, Inc TN2540_13 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Supertex inc.
Supertex inc.
www.supertex.com
Doc.# DSFP-TN2540
A062113
TN2540
Features
Low threshold (2.0V max.)
High input impedance
Low input capacitance (125pF max.)
Fast switching speeds
Low on-resistance
Free from secondary breakdown
Low input and output leakage
Applications
Logic level interfaces - ideal for TTL and CMOS
Solid state relays
Battery operated systems
Photo voltaic drives
Analog and Telecom switches
General purpose line drivers
General Description
This low threshold, enhancement-mode (normally-off)
transistor utilizes a vertical DMOS structure and Supertex’s
well-proven, silicon-gate manufacturing process. This
combination produces a device with the power handling
capabilities of bipolar transistors and the high input impedance
and positive temperature coefficient inherent in MOS devices.
Characteristic of all MOS structures, this device is free
from thermal runaway and thermally-induced secondary
breakdown.
Supertex’s vertical DMOS FETs are ideally suited to a wide
range of switching and amplifying applications where very
low threshold voltage, high breakdown voltage, high input
impedance, low input capacitance, and fast switching speeds
are desired.
N-Channel Enhancement-Mode
Vertical DMOS FET
Absolute Maximum Ratings
Parameter
Value
Drain-to-source voltage
BV
DSS
Drain-to-gate voltage
BV
DGS
Gate-to-source voltage
±20V
Operating and storage temperature
-55OC to +150OC
Absolute Maximum Ratings are those values beyond which damage to the device
may occur. Functional operation under these conditions is not implied. Continuous
operation of the device at the absolute rating level may affect device reliability. All
voltages are referenced to device ground.
Pin Configuration
TO-92
TO-243AA (SOT-89)
YY = Year Sealed
WW = Week Sealed
= “Green” Packaging
SiTN
2540
YYWW
TO-92
Product Marking
TO-243AA (SOT-89)
TN5DW W = Code for week sealed
= “Green” Packaging
Package may or may not include the following marks: Si or
Package may or may not include the following marks: Si or
GATE
SOURCE
DRAIN
DRAIN
GATE
SOURCE
DRAIN
-G denotes a lead (Pb)-free / RoHS compliant package
Refer to ‘P0xx’ Tape & Reel Specs for P002, P003, P005, P013, and P014 TO-92
Taping Specifications and Winding Styles
Contact factory for Wafer / Die availablity.
Devices in Wafer / Die form are lead (Pb)-free / RoHS compliant.
Part Number
Package Options
Packing
TN2540N3-G
TO-92
1000/Bag
TN2540N3-G P002
TO-92
2000/Reel
TN2540N3-G P003
TO-92
2000/Reel
TN2540N3-G P005
TO-92
2000/Reel
TN2540N3-G P013
TO-92
2000/Reel
TN2540N3-G P014
TO-92
2000/Reel
TN2540N8-G
TO-243AA (SOT-89) 2000/Reel
Ordering Information
Typical Thermal Resistance
Package
θ
ja
TO-92
132OC/W
TO-243AA (SOT-89)
133OC/W*
* Mounted on FR5 Board, 25mm x 25mm x 1.57mm
Product Summary
BV
DSS/BVDGS
R
DS(ON)
(max)
I
D(ON)
(min)
V
GS(th)
(max)
400V
12Ω
1.0A
2.0V


Similar Part No. - TN2540_13

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN2540-1000G STMICROELECTRONICS-TN2540-1000G Datasheet
93Kb / 7P
25A SCRs
Apr-2002
TN2540-1000G STMICROELECTRONICS-TN2540-1000G Datasheet
91Kb / 7P
25A SCRS
13-Feb-2006
TN2540-1000G-TR STMICROELECTRONICS-TN2540-1000G-TR Datasheet
93Kb / 7P
25A SCRs
Apr-2002
TN2540-1000G-TR STMICROELECTRONICS-TN2540-1000G-TR Datasheet
91Kb / 7P
25A SCRS
13-Feb-2006
TN2540-1000GTR STMICROELECTRONICS-TN2540-1000GTR Datasheet
93Kb / 7P
25A SCRs
Apr-2002
More results

Similar Description - TN2540_13

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BSS123 ZETEX-BSS123 Datasheet
45Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
VN10LP ZETEX-VN10LP Datasheet
22Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN0540A ZETEX-ZVN0540A Datasheet
26Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN1409A ZETEX-ZVN1409A Datasheet
49Kb / 3P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2106G ZETEX-ZVN2106G Datasheet
30Kb / 2P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2110A ZETEX-ZVN2110A Datasheet
87Kb / 3P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4106F ZETEX-ZVN4106F Datasheet
41Kb / 2P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4210A ZETEX-ZVN4210A Datasheet
37Kb / 2P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVNL110A ZETEX-ZVNL110A Datasheet
22Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
VN2222LL ZETEX-VN2222LL Datasheet
18Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com