Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPW08F0Z Datasheet(PDF) 3 Page - Seoul Semiconductor

Part # SPW08F0Z
Description  Industry Standard SMT package
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SPW08F0Z Datasheet(HTML) 3 Page - Seoul Semiconductor

  SPW08F0Z Datasheet HTML 1Page - Seoul Semiconductor SPW08F0Z Datasheet HTML 2Page - Seoul Semiconductor SPW08F0Z Datasheet HTML 3Page - Seoul Semiconductor SPW08F0Z Datasheet HTML 4Page - Seoul Semiconductor SPW08F0Z Datasheet HTML 5Page - Seoul Semiconductor SPW08F0Z Datasheet HTML 6Page - Seoul Semiconductor SPW08F0Z Datasheet HTML 7Page - Seoul Semiconductor SPW08F0Z Datasheet HTML 8Page - Seoul Semiconductor SPW08F0Z Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
www.seoulsemicon.com
Product Data Sheet
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
3
글씨체는 : Arial, 10pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
SPW08F0Z
– P8 Series White
Rev4.1, Sep 2, 2015
Performance Characteristics
 전기적 특성 및 광 특성 스펙 테이블
Table 1. Electro Optical Characteristics, I
F =150mA, Ta = 25ºC, RH30%
(1) Tolerance : VF :±0.05V, LF :±7%, x,y :±0.005
(2) The luminous flux was measured at the peak of the spatial pattern which may not be
aligned with the mechanical axis of the LED package.
(3) Correlated Color is derived from the CIE 1931 Chromaticity diagram.
(4) Θ
1/2 is the off-axis where the luminous intensity is 1/2 of the peak intensity
(5) Thermal resistance = Rth JA : Junction/ambient , Rth JS : Junction/solder point
PCB design for improved heat dissipation : area of 950 mm2 per LED, Metal core PCB
※ Not applicable for reverse operation
Notes :
Parameter
Symbol
Value
Unit
Min.
Typ.
Max.
Forward Voltage [1]
V
F
V
Luminous Flux [2] [1]
Φ
V
32.0
-
54.0
lm
Color Coordinate [3] [1]
X
0.33
-
Y
0.33
-
Viewing Angle [4]
2θ
1/2
120
deg.
Optical Efficiency
η
op
68.75
lm/W
Thermal resistance [5]
Rth JA
55
℃ / W
Rth JS
23
℃ / W
Temperature coefficient of V
F
25℃
≤ T ≤ 100 ℃
TC
v
-3.37
mV/℃
Temperature coefficient of X
25℃
≤ T ≤ 100 ℃
TC
x
-0.08
10-3/℃
Temperature coefficient of Y
25℃
≤ T ≤ 100 ℃
TC
y
-0.07
10-3/℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com