Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB0FS12A Datasheet(PDF) 10 Page - Seoul Semiconductor

Part # STB0FS12A
Description  High flux output and high luminance
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STB0FS12A Datasheet(HTML) 10 Page - Seoul Semiconductor

Back Button STB0FS12A Datasheet HTML 6Page - Seoul Semiconductor STB0FS12A Datasheet HTML 7Page - Seoul Semiconductor STB0FS12A Datasheet HTML 8Page - Seoul Semiconductor STB0FS12A Datasheet HTML 9Page - Seoul Semiconductor STB0FS12A Datasheet HTML 10Page - Seoul Semiconductor STB0FS12A Datasheet HTML 11Page - Seoul Semiconductor STB0FS12A Datasheet HTML 12Page - Seoul Semiconductor STB0FS12A Datasheet HTML 13Page - Seoul Semiconductor STB0FS12A Datasheet HTML 14Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
www.seoulsemicon.com
Product Data Sheet
STB0FS12A - Mid-Power LED
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
10
Font 글씨체
표(Table) - 제목: Arial 10pt, 표 내부: Arial 8pt, 본문(Body)
– Arial 9pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
Rev1.3, Dec 21, 2015
Mechanical Dimensions
Notes :
Circuit
Anode
Cathode
2
1
ESD Protection Device
< Top View >
< Bottom View >
< Side View >
Cathode
Anode
(1) All dimensions are in millimeters.
(2) Scale : none.
(3) Undefined tolerance is ±0.1mm.
(4) The appearance and specifications of the product may be changed for improvement without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com