Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF01 Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # DF01
Description  Glass passivated die construction
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

DF01 Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  DF01 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd DF01 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd DF01 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd DF01 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data
Green Products
Data Sheet N1735, Rev. A
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
DF01 THRU DF07
DF01 THRU DF07 SINGLE-PHASE
GLASS PASSIVATED SILICON BRIDGE RECTIFIER
Features:
Glass passivated die construction
Low forward voltage drop
High current capability
High surge current capability
Plastic material-UL flammability 94V-0
Mechanical Data:
Case: DB-M, molded plastic
Terminals: plated leads solderable per MIL-STD-202, Method 208
Polarity: as marked on case
Mounting position: Any
Marking: type number
Lead Free: For RoHS / Lead Free Version,
Mechanical Dimensions: In Inches/ mm
DB-M


Similar Part No. - DF01

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
DF01 WTE-DF01 Datasheet
50Kb / 3P
1.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shanghai Sunrise Electr...
DF01 SSE-DF01 Datasheet
14Kb / 1P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
DF01 CHENYI-DF01 Datasheet
131Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
GOOD-ARK Electronics
DF01 GOOD-ARK-DF01 Datasheet
160Kb / 2P
GLASS PASSIVATED CHIP SINGLE-PHASE BRIDGE RECTIFIER
logo
Won-Top Electronics
DF01 WTE-DF01 Datasheet
61Kb / 4P
1.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results

Similar Description - DF01

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
1N4001G DEC-1N4001G Datasheet
826Kb / 2P
Glass Passivated Die Construction
logo
Diodes Incorporated
ES2D-13-F DIODES-ES2D-13-F Datasheet
120Kb / 4P
Glass Passivated Die Construction
Rev 12
S3K-13 DIODES-S3K-13 Datasheet
271Kb / 4P
Glass Passivated Die Construction
Rev 18
logo
Mospec Semiconductor
GBJ15005 MOSPEC-GBJ15005 Datasheet
160Kb / 2P
Glass Passivated Die Construction
GBU4A MOSPEC-GBU4A Datasheet
190Kb / 2P
Glass Passivated Die Construction
logo
Sangdest Microelectroni...
S1A-M SMC-S1A-M Datasheet
145Kb / 4P
Glass Passivated Die Construction
ABS2U SMC-ABS2U Datasheet
156Kb / 5P
Glass passivated die construction
GBJ35005 SMC-GBJ35005 Datasheet
262Kb / 4P
Glass passivated die construction
SD560BP SMC-SD560BP Datasheet
191Kb / 5P
Glass Passivated Die Construction
logo
DIYI Electronic Technol...
GBU6005G DYELEC-GBU6005G Datasheet
2Mb / 2P
Glass passivated die construction
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com