Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF151 Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # DF151
Description  Glass passivated die construction
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

DF151 Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  DF151 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd DF151 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd DF151 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd DF151 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data
Green Products
Data Sheet N1736, Rev. -
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
DF151 THRU DF157
DF151 THRU DF157 SINGLE-PHASE
GLASS PASSIVATED SILICON BRIDGE RECTIFIER
Features:
Glass passivated die construction
Low forward voltage drop
High current capability
High surge current capability
Plastic material-UL flammability 94V-0
Mechanical Data:
Case: DB-M, molded plastic
Terminals: plated leads solderable per MIL-STD-202, Method 208
Polarity: as marked on case
Mounting position: Any
Marking: type number
Lead Free: For RoHS / Lead Free Version,
Mechanical Dimensions: In Inches/ mm
DB-M


Similar Part No. - DF151

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
DF151 WTE-DF151 Datasheet
45Kb / 3P
1.5A GLASS PASSIVATED BRIDGE RECTIFIER
DF151 WTE-DF151 Datasheet
56Kb / 4P
1.5A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Chip Integration Techno...
DF151 CITC-DF151 Datasheet
91Kb / 3P
1.5A Miniature Glass Passivated Single-Phase Bridge Rectifiers
logo
SMC Diode Solutions Co....
DF151 SMCDIODE-DF151 Datasheet
303Kb / 5P
DF151 THRU DF157 SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
Rev. A
logo
Won-Top Electronics
DF151 WTE-DF151 Datasheet
54Kb / 4P
1.5A GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIER
September, 2012
More results

Similar Description - DF151

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
1N4001G DEC-1N4001G Datasheet
826Kb / 2P
Glass Passivated Die Construction
logo
Diodes Incorporated
ES2D-13-F DIODES-ES2D-13-F Datasheet
120Kb / 4P
Glass Passivated Die Construction
Rev 12
logo
Mospec Semiconductor
GBJ15005 MOSPEC-GBJ15005 Datasheet
160Kb / 2P
Glass Passivated Die Construction
GBU4A MOSPEC-GBU4A Datasheet
190Kb / 2P
Glass Passivated Die Construction
logo
Sangdest Microelectroni...
S1A-M SMC-S1A-M Datasheet
145Kb / 4P
Glass Passivated Die Construction
ABS2U SMC-ABS2U Datasheet
156Kb / 5P
Glass passivated die construction
DF01 SMC-DF01 Datasheet
149Kb / 4P
Glass passivated die construction
GBJ35005 SMC-GBJ35005 Datasheet
262Kb / 4P
Glass passivated die construction
SD560BP SMC-SD560BP Datasheet
191Kb / 5P
Glass Passivated Die Construction
logo
DIYI Electronic Technol...
GBU6005G DYELEC-GBU6005G Datasheet
2Mb / 2P
Glass passivated die construction
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com