Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ER2M Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # ER2M
Description  Super fast switching for high efficiency
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

ER2M Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  ER2M Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd ER2M Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd ER2M Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd ER2M Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd ER2M Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd ER2M Datasheet HTML 6Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N1648, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
•
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
ER2M
ER2M ULTRAFAST PLASTIC RECTIFIER
Features:
•
Super fast switching for high efficiency
•
Low leakage current
•
High forward surge capability
•
Solder dip 260 °C, 40 s
•
Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC
•
This is a Pb − Free Device
•
All SMC parts are traceable to the wafer lot
•
Additional testing can be offered upon request
Mechanical Data:
•
Case: Low Profile Molded Plastic
•
Terminals: Solder Plated, Solderable per MIL-STD-750, Method 2026
•
Polarity: Cathode Band or Cathode Notch
•
Weight: 0.68 grams(approx)
Mechanical Dimensions: In mm / Inches
SMB


Similar Part No. - ER2M

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
ER2M MCC-ER2M Datasheet
902Kb / 3P
2 Amp Super Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
Diotec Semiconductor
ER2M DIOTEC-ER2M Datasheet
164Kb / 2P
Superfast Switching Surface Mount Si-Rectifiers
ER2M DIOTEC-ER2M Datasheet
69Kb / 2P
Superfast Switching Surface Mount Si-Diodes
logo
Micro Commercial Compon...
ER2M MCC-ER2M Datasheet
254Kb / 4P
2 Amp Ultra Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
Diotec Semiconductor
ER2M DIOTEC-ER2M Datasheet
103Kb / 2P
Superfast Switching Surface Mount Silicon Rectifier Diodes
More results

Similar Description - ER2M

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
FR101 DEC-FR101 Datasheet
670Kb / 2P
Fast switching for high efficiency
FR151 DEC-FR151 Datasheet
665Kb / 2P
Fast switching for high efficiency
logo
First Components Intern...
SF51G FCI-SF51G Datasheet
504Kb / 2P
5.0 Amp SUPER FAST PLASTIC RECTIFIERS Fast switching for high efficiency
logo
Surge Components
1N4933G-1N4937G SURGE-1N4933G-1N4937G Datasheet
1Mb / 2P
Fast switching for high efficiency
logo
DONGGUAN YOU FENG WEI E...
MUR105 YFWDIODE-MUR105 Datasheet
81Kb / 3P
Super Fast Switching Speed For High Efficiency
logo
Mospec Semiconductor
FR151 MOSPEC-FR151 Datasheet
211Kb / 3P
Fast switching for high efficiency
logo
Sangdest Microelectroni...
ER2K SMC-ER2K Datasheet
148Kb / 5P
Super fast switching for high efficiency
SF11G SMC-SF11G Datasheet
258Kb / 5P
Super fast switching for high efficiency
SF31G SMC-SF31G Datasheet
180Kb / 5P
Super fast switching for high efficiency
UF4001G SMC-UF4001G Datasheet
149Kb / 5P
Super fast switching for high efficiency
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com