Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2016L Datasheet(PDF) 4 Page - Littelfuse

Part # 2016L
Description  POLY-FUSE Resettable PTCs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

2016L Datasheet(HTML) 4 Page - Littelfuse

  2016L Datasheet HTML 1Page - Littelfuse 2016L Datasheet HTML 2Page - Littelfuse 2016L Datasheet HTML 3Page - Littelfuse 2016L Datasheet HTML 4Page - Littelfuse 2016L Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
POLY-FUSE® Resettable PTCs
© 2016 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 08/22/16
Surface Mount > 2016L Series
Part Ordering Number System
PACKAGING STYLE
L: LITTELFUSE SURFACE MOUNT PPTC
QUANTITY CODE: D=1500 M=1000 P=2000
R: Tape & Reel
2016 L xxx /xx D R
SERIES
DEVICE SIZE CODE (0.20 x 0.16 inch)
I
HOLD HOLD CURRENT CODE
(Refer to Electrical Characteristics Table)
SPECIAL VOLTAGE RATING ITEM
(Not applicable to all parts. Refer to Electrical
Characteristics Table for additional information)
-A: Automotive grade
Blank: Standard version
- A
Packaging
Dimensions (mm)
C
Top
View
Pad
Layout
Side
View
Bottom
View
4.60 mm
(.181”)
3.40 mm
(.133”)
1.50 mm
(.059”)
D
MARKING CODE VARIES
WITH AMPERAGE AND VOLTAGE RATING
SEE ELECTRICAL CHARACTERISTICS CHART
SHOWN ARE:
- 1.1A/15V RATING (LEFT)
- 1.1A/33V RATING (RIGHT)
E
A
B
100
100
100
-33
Part
Number
A
B
C
D
E
Inches
mm
Inches
mm
Inches
mm
Inches
mm
Inches
mm
Min Max Min Max Min Max Min Max Min Max Min Max Min Max Min Max Min Max Min Max
2016L030
0.19 0.21 4.72 5.44 0.15 0.17 3.7
4.43
0.03 0.05 0.75 1.25
0.01 0.06
0.3
1.5 0.01 0.03 0.25 0.65
2016L050
0.05 0.08 1.20 2.00
2016L075/60
0.05 0.08 1.20 2.00
2016L100
0.02 0.03 0.50 0.75
2016L100/33
0.03 0.05 0.75 1.25
2016L150
0.03 0.06 0.75 1.55
2016L150/33
4.43 0.03 0.06 0.80 1.60
2016L200
4.43 0.02 0.03 0.50 0.75
2016L260/24
4.43 0.03 0.06 0.80 1.60
2016L300/16
2016L500
Part Number
Ordering Number
Halogen
Free
I
hold
(A)
I
hold Code
Voltage
Option
Packaging
Option
Quantity
Quantity &
Packaging Codes
2016L030
2016L030DR
Yes
0.30
030
Tape and Reel
1500
DR
2016L050
2016L050MR
Yes
0.55
050
Tape and Reel
1000
MR
2016L075/060
2016L075/60MR
Yes
0.75
075
/60
Tape and Reel
1000
MR
2016L100
2016L100PR
Yes
1.10
110
Tape and Reel
2000
PR
2016L100/33
2016L100/33DR
Yes
1.10
110
/33
Tape and Reel
1500
DR
2016L150
2016L150DR
Yes
1.50
150
Tape and Reel
1500
DR
2016L150/33
2016L150/33DR
Yes
1.50
150
/33
Tape and Reel
1,500
DR
2016L200
2016L200PR
Yes
2.00
200
Tape and Reel
2000
PR
2016L260/24
2016L260/24DR
Yes
2.60
260
/24
Tape and Reel
1,500
DR
2016L300/16
2016L300/16DR
Yes
3.00
300
/16
Tape and Reel
1,500
DR
2016L500
2016L500DR
Yes
5.00
500
/6
Tape and Reel
1,500
DR



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com