Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAB1204021 Datasheet(PDF) 1 Page - Power System Technology

Part # FAB1204021
Description  Power factor correction front end for : Industrial and hard environment
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

FAB1204021 Datasheet(HTML) 1 Page - Power System Technology

  FAB1204021 Datasheet HTML 1Page - Power System Technology FAB1204021 Datasheet HTML 2Page - Power System Technology FAB1204021 Datasheet HTML 3Page - Power System Technology FAB1204021 Datasheet HTML 4Page - Power System Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
6U x 8TE x 160 mm
Vin : 90-264Vac
Output : 360Vdc
Pout max : 1500W
Fan cooled 2m/s min. (External)
RoHS compliant
APPLICATIONS
Power factor correction front end for : Industrial and hard environment
FAB1204021
1/4
Rev. 00
INPUT
Voltage range :
90-264Vac
Frequency : 43 - 440 Hz
Powerfactor correction EN61000-3-2
Input protection :
Transient and surges MIL-STD461 CS101, CS114, CS116
Overcurrent:
by Fuse
OUTPUT
Voltage :
360V / 4,2A
Power :
1500W at 65°C with fan cooled 2m/s.
Current limit, short circuit : protected on input
Overvoltage
: protected on input
Typ.
Line regulation
Load regulation
Ripple and noise
+/- 1,4 %
3,5 %
4 %
Low line to high line ;
40 %
0 % to full load
Peak to peak -
Bandwidth 20MHz
according to o/p voltage
+/-2 %
5 %
Conditions
Max.
RoHS
Carte PFC FRONT END


Similar Part No. - FAB1204021

ManufacturerPart #DatasheetDescription
logo
Power System Technology
FAB1204020 PST-FAB1204020 Datasheet
534Kb / 4P
Industrial and hard environment
FAB1204022 PST-FAB1204022 Datasheet
392Kb / 3P
Power factor corrected AC front end for avionic application
More results

Similar Description - FAB1204021

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
S82H OMRON-S82H Datasheet
778Kb / 16P
Industrial Power Supply with Power Factor Correction
logo
EPCOS
B25667-A4107-A375 EPCOS-B25667-A4107-A375 Datasheet
35Kb / 2P
Capacitors for Power Factor Correction
B25667-A6257-A375 EPCOS-B25667-A6257-A375 Datasheet
35Kb / 2P
Capacitors for Power Factor Correction
logo
Power System Technology
FAB0606011 PST-FAB0606011 Datasheet
256Kb / 3P
Industrial and hard environment low profi le application
FAB0706006 PST-FAB0706006 Datasheet
782Kb / 4P
Industrial and hard environment
FAB0801004 PST-FAB0801004 Datasheet
279Kb / 3P
Avionic and hard environment
FAB0907019 PST-FAB0907019 Datasheet
362Kb / 4P
Defence, Industrial and hard environment applications
FAB0910001 PST-FAB0910001 Datasheet
649Kb / 3P
Avionic and hard environment
FAB1204020 PST-FAB1204020 Datasheet
534Kb / 4P
Industrial and hard environment
FAB1204022 PST-FAB1204022 Datasheet
392Kb / 3P
Power factor corrected AC front end for avionic application
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com