Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PST10 Datasheet(PDF) 1 Page - Power System Technology

Part # PST10
Description  Industrial DIN RAIL mounting application
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

PST10 Datasheet(HTML) 1 Page - Power System Technology

  PST10 Datasheet HTML 1Page - Power System Technology PST10 Datasheet HTML 2Page - Power System Technology PST10 Datasheet HTML 3Page - Power System Technology PST10 Datasheet HTML 4Page - Power System Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
234 x 80 x 60 mm
INPUT : 48, 72, 110, 150, 300 Vdc IN
OUTPUT : From 3V3 to 48V
POWER : up to 200W
Efficiency : 82 % typ.
Convection cooled
DIN rail mounting
Redundant operation
INPUT
Voltage range :
48Vnom
Range : 36-75Vdc
Iin 3A max.
72Vnom
Range : 55-100Vdc
110Vnom
Range : 66-160Vdc
200Vnom
Range : 100-200Vdc
300Vnom
Range : 200-400Vdc
Input protection :
fuse 3,15A
transient and surges protected
reversal polarity protected
inrush current
OUTPUT
Voltage :
3V3, 5V, 12V, 24V, 28V, 48V
up to 200W
Trim range :
50% to 110% (factory adjustable)
Total remote sense compensation : 0,5V
Typ.
Line regulation
Load regulation
Ripple and noise
Current limit
0,02 %
0,5 %
0,5 %
105 to 135 %
of I nominal
Low line to high line ; full load
No load to full load
Peak to peak, nom. Input ; full load
Vout = 95% of nominal ;
Automatic restart
0,2 %
1 %
1 %
Short circuit current
115 %
of Iout nominal
140 %
of Iout nominal
OUTPUT
Conditions
Max.
APPLICATIONS
Industrial DIN RAIL mounting application
PST10
1/4


Similar Part No. - PST10

ManufacturerPart #DatasheetDescription
logo
Power System Technology
PST11 PST-PST11 Datasheet
222Kb / 4P
This range of power supplies is specially designed
PST12 PST-PST12 Datasheet
263Kb / 3P
Automobile bench of test designed for DIN Rail mounting applications
PST13 PST-PST13 Datasheet
226Kb / 4P
Modular power supply for industrial & railways
PST14 PST-PST14 Datasheet
3Mb / 20P
DC-DC conduction cooled from 150W to several kWs
PST15 PST-PST15 Datasheet
285Kb / 5P
This range of power supplies is specially designed
More results

Similar Description - PST10

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
PFP OMRON-PFP Datasheet
51Kb / 2P
DIN Rail Mounting Track
logo
List of Unclassifed Man...
DNR-4790 ETC2-DNR-4790 Datasheet
31Kb / 1P
35mm DIN MOUNTING RAIL
76000977 ETC2-76000977 Datasheet
120Kb / 1P
Mounting Bracket ??DIN Rail
logo
Pepperl+Fuchs Inc.
UPR-MR PF-UPR-MR Datasheet
259Kb / 1P
DIN mounting rail
2020-09-23
logo
TRACO Electronic AG
TEP-MK1 TRACOPOWER-TEP-MK1 Datasheet
766Kb / 1P
DIN-Rail Mounting Kit
Rev. November 30, 2022
TEQ-MK1 TRACOPOWER-TEQ-MK1 Datasheet
679Kb / 1P
DIN-Rail Mounting Kit
Rev. November 30, 2022
TMDC-MK1 TRACOPOWER-TMDC-MK1 Datasheet
310Kb / 2P
DIN-Rail Mounting Kit
Rev. November 30, 2022
TMDC-MK2 TRACOPOWER-TMDC-MK2 Datasheet
384Kb / 2P
DIN-Rail Mounting Clip
Rev. November 30, 2022
TMPW-MK1 TRACOPOWER-TMPW-MK1 Datasheet
1Mb / 2P
DIN-Rail Mounting Kit
Rev. November 30, 2022
TMPW-MK3 TRACOPOWER-TMPW-MK3 Datasheet
1Mb / 2P
DIN-Rail Mounting Kit
Rev. November 30, 2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com