Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PST26 Datasheet(PDF) 4 Page - Power System Technology

Part # PST26
Description  Standard product
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

PST26 Datasheet(HTML) 4 Page - Power System Technology

  PST26 Datasheet HTML 1Page - Power System Technology PST26 Datasheet HTML 2Page - Power System Technology PST26 Datasheet HTML 3Page - Power System Technology PST26 Datasheet HTML 4Page - Power System Technology PST26 Datasheet HTML 5Page - Power System Technology PST26 Datasheet HTML 6Page - Power System Technology PST26 Datasheet HTML 7Page - Power System Technology PST26 Datasheet HTML 8Page - Power System Technology PST26 Datasheet HTML 9Page - Power System Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Parallel and Series Connec�on
PST26 Rev. 00
Page 4 of 11
www.powersystemtechnology.com
Redundant Systems Opera�on
Hold-up �me
The converters provide internal hold-up �me (see curve).
Hot Swap
The hot swap is not recommended because of the inrush current. Ne-
vertheless with some external cau�ons it may be possible. We recom-
mend to consult our technical support before opera�ng in this mode.
Output Current Limita�on
All outputs are con�nously protected against short-circuit by a constant
current limita�on.(no foldback)
Thermal Considera�ons
When a converter is mounted in free air, in convec�on cooling, and is
opera�ng at its nominal output power at the max. ambiant temperatu-
re, the temperature measured on the heatsink should not exeed 95°C.
The dera�ng curves show the max power available from the converter
versus ambiant temperature.
Thermal protec�on
A temperature protec�on is integrated in each Vicor module, disabling
output when heatsink temperature exceeds 105°C the converter auto-
ma�cally restarts, when the temperature drops below this limit. Never-
theless, exeeding the max opera�ng temperature may cause failures of
the converter.
25
50
75
100
125
150
175
200
225
250
275
300
325
350
375
400
-20
0°C
20°C
40°C
60°C
80°C
T°C
PST26300 Output power vs Ambiant temp.
Free air
2 m/s
A converter output can be connected in series with an output from a
separate converter, an external diode across each output is required.
The maximum output current of a serial-connected outputs is limited
by the output with the lowest current limit.Output voltages above 48V
(SELV - Safety Extra Low Voltage) require addi�onal safety measures in
order to comply with interna�onal safety requirements.
Parrallel opera�on is possible with the addi�on of external diodes in
series with each output.
When systems require a very high level of reliability and should work
normally in the event of a failure, N+1 redundancy is implemented
where N is the number of converter to support power requirement.
If one converter fail, the remaining ones s�ll delivers the power to the
loads.
External diodes are required with the PST26 to ensure proper N+1
opera�on .
25
50
75
100
125
150
175
200
225
-20
-10
0°C 10°C 20°C 30°C 40°C 50°C 60°C 70°C 80°C 85°C
T°C
PST26150 Output power vs ambiant temp.
Free air
2m/s



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com