Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCM20705 Datasheet(PDF) 19 Page - Cypress Semiconductor

Part # BCM20705
Description  Single-Chip Bluetooth Transceiver and Baseband Processor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM20705 Datasheet(HTML) 19 Page - Cypress Semiconductor

Back Button BCM20705 Datasheet HTML 15Page - Cypress Semiconductor BCM20705 Datasheet HTML 16Page - Cypress Semiconductor BCM20705 Datasheet HTML 17Page - Cypress Semiconductor BCM20705 Datasheet HTML 18Page - Cypress Semiconductor BCM20705 Datasheet HTML 19Page - Cypress Semiconductor BCM20705 Datasheet HTML 20Page - Cypress Semiconductor BCM20705 Datasheet HTML 21Page - Cypress Semiconductor BCM20705 Datasheet HTML 22Page - Cypress Semiconductor BCM20705 Datasheet HTML 23Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 67 page
background image
Test Mode Support
BCM20705 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
Bluetooth Transceiver and Baseband Processor
November 13, 2014 • MCS20705-DS104-R
Page 18
Test Mode Support
The BCM20705 fully supports Bluetooth Test Mode.
In addition to the standard Bluetooth Test mode, the device supports enhanced testing features to simplify RF
debugging and qualification and type approval testing.
These test features include:
• Fixed frequency carrier wave (unmodulated) transmission
– Simplifies some type approval measurements (Japan)
– Aids in transmitter performance analysis
• Fixed frequency constant receiver mode
– Directs receiver output to I/O pin
– Allows for direct BER measurements using standard RF test equipment
– Facilitates spurious emissions testing for receive mode
• Fixed frequency constant bit stream transmission
– Unmodulated, 8-bit fixed pattern, PRBS-9, or PRBS-15
– Enables modulated signal measurements with standard RF test equipment
• Packetized connectionless transmitter test
– Hopping or fixed frequency
– Multiple packet types supported
– Multiple data patterns supported
• Packetized connectionless receiver test
– Fixed frequency
– Multiple packet types supported
– Multiple data patterns supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com