Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCM20704 Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # BCM20704
Description  Single-Chip Bluetooth Transceiver and Baseband Processor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM20704 Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button BCM20704 Datasheet HTML 17Page - Cypress Semiconductor BCM20704 Datasheet HTML 18Page - Cypress Semiconductor BCM20704 Datasheet HTML 19Page - Cypress Semiconductor BCM20704 Datasheet HTML 20Page - Cypress Semiconductor BCM20704 Datasheet HTML 21Page - Cypress Semiconductor BCM20704 Datasheet HTML 22Page - Cypress Semiconductor BCM20704 Datasheet HTML 23Page - Cypress Semiconductor BCM20704 Datasheet HTML 24Page - Cypress Semiconductor BCM20704 Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
Document Number: 002-14786 Rev. *E
Page 21 of 49
CYW20704
7. Pin-out and Signal Descriptions
7.1 Pin Descriptions
Table 8. CYW20704 FcBGA Signal Descriptions
Signal
FcBGA Pin
(49-Ball)
I/O
Power Domain
Description
Radio
RFOP
A2
I/O
VDD_RF
RF I/O antenna port
XO_IN
A4
I
VDD_RF
Crystal or reference input
XO_OUT
A5
O
VDD_RF
Crystal oscillator output
Voltage Regulators
VBAT
D1
I
N/A
VBAT input pin
VDD2P5_IN
E1
I
N/A
2.5V LDO input
VDD2P5_OUT
E2
O
N/A
2.5V LDO output
VDDC_OUT
F1
O
N/A
1.2V LDO output
Straps
BT_XTAL_STRAP_1
F2
I
VDDO
This pin is used as strap for choosing the XTAL
frequencies.
RST_N
A6
I
VDDO
Active-low reset input
BT_TM1
G7
I
VDDO
Reserved: connect to ground.
Digital I/O
BT_GPIO_0
F8
I
VDDO
BT_GPIO_0/BT_DEV_WAKE
A signal from the host to the CYW20704 device that the
host requires attention.
BT_GPIO_1
F7
O
VDDO
BT_GPIO_1/BT_HOST_WAKE
A signal from the CYW20704 device to the host
indicating that the Bluetooth device requires attention.
BT_GPIO_2
E4
I
VDDO
When high, this signal extends the XTAL warm-up time
for external CLK requests. Otherwise, it is typically
connected to ground when a dedicated BT crystal is
used.
BT_GPIO_3
C5
I/O
VDDO
General-purpose I/O.
BT_GPIO_4
D6
I/O
VDDO
General-purpose I/O. It can also be configured as a GCI
pin.
BT_GPIO_5
B5
I/O
VDDO
General-purpose I/O. It can also be configured as a GCI
pin.
BT_GPIO_6
B6
I/O
VDDO
General-purpose I/O. It can also be configured as a GCI
pin.
BT_GPIO_7
C6
I/O
VDDO
General-purpose I/O. It can also be configured as a GCI
pin.
BT_UART_RXD
F5
I/O
VDDO
UART receive data
BT_UART_TXD
F4
I/O
VDDO
UART transmit data
BT_UART_RTS_N
F3
I/O
VDDO
UART request to send output
BT_UART_CTS_N
G4
I/O
VDDO
UART clear to send input
BT_CLK_REQ
G8
O
VDDO
This pin is used for shared-clock application.
SPI2_MISO_I2S_SCL
D8
I/O
VDDO
BSC clock
SPI2_MOSI_I2S_SDA
E8
I/O
VDDO
BSC data
SPI2_CLK
E7
I/O
VDDO
Serial flash SPI clock
SPI2_CSN
D7
I/O
VDDO
Serial flash active-low chip select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com