Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB3773 Datasheet(PDF) 28 Page - Cypress Semiconductor

Part # MB3773
Description  Power Supply Monitor with Watch-Dog Timer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB3773 Datasheet(HTML) 28 Page - Cypress Semiconductor

Back Button MB3773 Datasheet HTML 23Page - Cypress Semiconductor MB3773 Datasheet HTML 24Page - Cypress Semiconductor MB3773 Datasheet HTML 25Page - Cypress Semiconductor MB3773 Datasheet HTML 26Page - Cypress Semiconductor MB3773 Datasheet HTML 27Page - Cypress Semiconductor MB3773 Datasheet HTML 28Page - Cypress Semiconductor MB3773 Datasheet HTML 29Page - Cypress Semiconductor MB3773 Datasheet HTML 30Page - Cypress Semiconductor MB3773 Datasheet HTML 31Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
MB3773
Document Number: 002-08513 Rev. *A
Page 28 of 31
15. MB3773PF-
❏❏❏E1 Recommended Conditions of Moisture Sensitivity Level
[Temperature Profile for FJ Standard IR Reflow]
1. IR (infrared reflow)
2. Manual soldering (partial heating method)
Conditions
: Temperature 400°C MAX
Times
: 5 s max/pin
Item
Condition
Mounting Method
IR (infrared reflow) , Manual soldering (partial heating method)
Mounting times
2 times
Storage period
Before opening
Please use it within two years after
Manufacture.
From opening to the 2nd
reflow
Less than 8 days
When the storage period after
opening was exceeded
Please processes within 8 days
after baking (125°C, 24h)
Storage conditions
5°C to 30°C, 70%RH or less (the lowest possible humidity)
260
°C
(e)
(d')
(d)
255
°C
170
°C
190
°C
RT
(b)
(a)
(c)
to
Note : Temperature : the top of the package body
(a) Temperature Increase gradient
: Average 1°C/s to 4°C/s
(b) Preliminary heating
: Temperature 170°C to 190°C, 60s to 180s
(c) Temperature Increase gradient
: Average 1°C/s to 4°C/s
(d) Actual heating
: Temperature 260°C MAX; 255°C or more, 10s or less
(d’)
: Temperature 230°C or more, 40s or less
or
Temperature 225°C or more, 60s or less
or
Temperature 220°C or more, 80s or less
(e) Cooling
: Natural cooling or forced cooling
H rank : 260°C Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com