Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB95F816K Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # MB95F816K
Description  New 8FX 8-bit Microcontrollers
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95F816K Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button MB95F816K Datasheet HTML 17Page - Cypress Semiconductor MB95F816K Datasheet HTML 18Page - Cypress Semiconductor MB95F816K Datasheet HTML 19Page - Cypress Semiconductor MB95F816K Datasheet HTML 20Page - Cypress Semiconductor MB95F816K Datasheet HTML 21Page - Cypress Semiconductor MB95F816K Datasheet HTML 22Page - Cypress Semiconductor MB95F816K Datasheet HTML 23Page - Cypress Semiconductor MB95F816K Datasheet HTML 24Page - Cypress Semiconductor MB95F816K Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 121 page
background image
MB95810K Series
Document Number: 002-04694 Rev. *A
Page 21 of 121
12. Memory Space
The memory space of the MB95810K Series is 64 Kbyte in size, and consists of an I/O area, an extended I/O area,
a data area, and a program area. The memory space includes areas for specific applications such as general-pur-
pose registers and a vector table.
12.1 I/O area (addresses: 0x0000 to 0x007F)
• This area contains the control registers and data registers for built-in peripheral functions.
• As the I/O area forms part of the memory space, it can be accessed in the same way as the memory. It can also
be accessed at high-speed by using direct addressing instructions.
12.2 Extended I/O area (addresses: 0x0F80 to 0x0FFF)
• This area contains the control registers and data registers for built-in peripheral functions.
• As the extended I/O area forms part of the memory space, it can be accessed in the same way as the memory.
12.3 Data area
• Static RAM is incorporated in the data area as the internal data area.
• The internal RAM size varies according to product.
• The RAM area from 0x0090 to 0x00FF can be accessed at high-speed by using direct addressing instructions.
• In MB95F818K, the area from 0x0090 to 0x047F is an extended direct addressing area. It can be accessed at high-
speed by direct addressing instructions with a direct bank pointer set.
• In MB95F816K, the area from 0x0090 to 0x047F is an extended direct addressing area. It can be accessed at high-
speed by direct addressing instructions with a direct bank pointer set.
• In MB95F814K, the area from 0x0090 to 0x028F is an extended direct addressing area. It can be accessed at high-
speed by direct addressing instructions with a direct bank pointer set.
• The area from 0x0100 to 0x01FF can be used as a general-purpose register area.
12.4 Program area
• The Flash memory is incorporated in the program area as the internal program area.
• The Flash memory size varies according to product.
• The area from 0xFFC0 to 0xFFFF is used as the vector table.
• The area from 0xFFBB to 0xFFBF is used to store data of the non-volatile register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com