| Electronic Components Datasheet Search |
|
MB95F818K Datasheet(PDF) 21 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
MB95F818K Datasheet(HTML) 21 Page - Cypress Semiconductor |
|
21 / 121 page ![]() MB95810K Series Document Number: 002-04694 Rev. *A Page 21 of 121 12. Memory Space The memory space of the MB95810K Series is 64 Kbyte in size, and consists of an I/O area, an extended I/O area, a data area, and a program area. The memory space includes areas for specific applications such as general-pur- pose registers and a vector table. 12.1 I/O area (addresses: 0x0000 to 0x007F) • This area contains the control registers and data registers for built-in peripheral functions. • As the I/O area forms part of the memory space, it can be accessed in the same way as the memory. It can also be accessed at high-speed by using direct addressing instructions. 12.2 Extended I/O area (addresses: 0x0F80 to 0x0FFF) • This area contains the control registers and data registers for built-in peripheral functions. • As the extended I/O area forms part of the memory space, it can be accessed in the same way as the memory. 12.3 Data area • Static RAM is incorporated in the data area as the internal data area. • The internal RAM size varies according to product. • The RAM area from 0x0090 to 0x00FF can be accessed at high-speed by using direct addressing instructions. • In MB95F818K, the area from 0x0090 to 0x047F is an extended direct addressing area. It can be accessed at high- speed by direct addressing instructions with a direct bank pointer set. • In MB95F816K, the area from 0x0090 to 0x047F is an extended direct addressing area. It can be accessed at high- speed by direct addressing instructions with a direct bank pointer set. • In MB95F814K, the area from 0x0090 to 0x028F is an extended direct addressing area. It can be accessed at high- speed by direct addressing instructions with a direct bank pointer set. • The area from 0x0100 to 0x01FF can be used as a general-purpose register area. 12.4 Program area • The Flash memory is incorporated in the program area as the internal program area. • The Flash memory size varies according to product. • The area from 0xFFC0 to 0xFFFF is used as the vector table. • The area from 0xFFBB to 0xFFBF is used to store data of the non-volatile register. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |