Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP2189 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # FP2189
Description  high performance 1-Watt HFET (Heterostructure FET) in a low-cost SOT-89 surfacemount
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FP2189 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  FP2189 Datasheet HTML 1Page - List of Unclassifed Manufacturers FP2189 Datasheet HTML 2Page - List of Unclassifed Manufacturers FP2189 Datasheet HTML 3Page - List of Unclassifed Manufacturers FP2189 Datasheet HTML 4Page - List of Unclassifed Manufacturers FP2189 Datasheet HTML 5Page - List of Unclassifed Manufacturers FP2189 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
This document contains information on a new product.
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6620 • e-mail: sales@wj.com • Web site: www.wj.com
May 2002
The Communications Edge TM
Preliminary Product Information
FP2189
1 Watt HFET
Application Circuit: 1930 – 1990 MHz
Typical Specifications
Frequency
1930
1960
1990
S21 - Gain
15.3
15.2
15.0
S11 - Input R.L.
-14
-16
-19
S22 - Output R.L.
-8
-8
-9
Output P1dB
+30.8
+30.8
+30.7
Output IP3
+44
+44.2
+44.3
Noise Figure
3.6
3.5
3.5
Vdd
+ 8 V
Idq
1
250 mA
1 I
dq is the quiescent current at small signal output levels. The current typically
increases up to 330 mA at the 1-dB compression point.
S-Parameters vs Frequency
-30
-20
-10
0
10
1800
1850
1900
1950
2000
2050
2100
Frequency (MHz)
8
10
12
14
16
S21
S11
S22
Ref. Designator
Length on .014”
GETEK
TM (mil)
Electrical length @
1900 MHz (deg)
Z1
30
3.1
Z2
145
14.8
Z3
50
5.1
Z4
255
26.1
The lengths are measured from the component edge-to-edge.
All microstrip lines have a line impedance of 50 Ω.
Ref. Designator
Value
Part style
Size
C1, C3, C6, C9
33 pF
5% 50V, NPO/COG
0603
C2, C13
2.4 pF
AVX 06035J2R4AAWTR
0603
C4, C7
1000 pF
5% 50V, NPO/COG
0603
C5
1.5 pF
AVX 06035J1R5AAWTR
0603
C8
0.1 µF
10%, 50V, X7R
1206
R1
20 Ω
1/16 W, 5%
0603
R2
5.1 Ω
1/16 W, 5%
0603
L1
10 nH
TOKO LL1608-FH10NJ
0603
L2
22 nH
TOKO LL1608-FH22NJ
0603
All other parts are No Loads.
Total unique parts count: 9
14 mil GETEK
TM ML200DSS (ε
r = 4.2)
The layout of this circuit can be downloaded from the website.
Vdd
+ 8 V @ 250 mA
RF OUT
RF IN
C1
33 pF
-Vgg
Z1
FP2189
Sot-89
PIN 1
PIN 3
PIN 2,4
Z2
Z3
Z4
C13
2.4 pF
L1
10 nH
R1
20 Ω
C3
33 pF
C4
1000 pF
R2
5.1 Ω
C5
1.5 pF
C9
33 pF
L2
22 nH
C7
1000 pF
C6
33 pF
C8
0.1 µF
C2
2.4 pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com