Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2591HV Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2591HV
Description  SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2591HV Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM2591HV Datasheet HTML 12Page - National Semiconductor (TI) LM2591HV Datasheet HTML 13Page - National Semiconductor (TI) LM2591HV Datasheet HTML 14Page - National Semiconductor (TI) LM2591HV Datasheet HTML 15Page - National Semiconductor (TI) LM2591HV Datasheet HTML 16Page - National Semiconductor (TI) LM2591HV Datasheet HTML 17Page - National Semiconductor (TI) LM2591HV Datasheet HTML 18Page - National Semiconductor (TI) LM2591HV Datasheet HTML 19Page - National Semiconductor (TI) LM2591HV Datasheet HTML 20Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Application Information (Continued)
lNVERTING REGULATOR
The circuit in Figure 11 converts a positive input voltage to a
negative output voltage with a common ground. The circuit
operates by bootstrapping the regulator’s ground pin to the
negative output voltage, then grounding the feedback pin,
the regulator senses the inverted output voltage and regu-
lates it.
This example uses the LM2591HV-5.0 to generate a −5V
output, but other output voltages are possible by selecting
other output voltage versions, including the adjustable ver-
sion. Since this regulator topology can produce an output
voltage that is either greater than or less than the input
voltage, the maximum output current greatly depends on
both the input and output voltage.
To determine how much load current is possible before the
internal device current limit is reached (and power limiting
occurs), the system must be evaluated as a buck-boost
configuration rather than as a buck. The peak switch current
in Amperes, for such a configuration is given as:
where L is in µH and f is in Hz. The maximum possible load
current I
LOAD is limited by the requirement that IPEAK
≤ I
CLIM.
While checking for this, take I
CLIM to be the lowest possible
current limit value (min across tolerance and temperature is
1.2A for the LM2591HV). Also to account for inductor toler-
ances, we should take the min value of Inductance for L in
the equation above (typically 20% less than the nominal
value). Further, the above equation disregards the drop
across the Switch and the diode. This is equivalent to as-
suming 100% efficiency, which is never so. Therefore expect
I
PEAK to be an additional 10-20% higher than calculated from
the above equation.
The reader is also referred to Application Note AN-1157 for
examples based on positive to negative configuration.
The maximum voltage appearing across the regulator is the
absolute sum of the input and output voltage, and this must
be limited to a maximum of 60V. For example, when convert-
ing +20V to −12V, the regulator would see 32V between the
input pin and ground pin. The LM2591HV has a maximum
input voltage spec of 60V.
Additional diodes are required in this regulator configuration.
Diode D1 is used to isolate input voltage ripple or noise from
coupling through the C
IN capacitor to the output, under light
or no load conditions. Also, this diode isolation changes the
topology to closley resemble a buck configuration thus pro-
viding good closed loop stability. A Schottky diode is recom-
mended for low input voltages, (because of its lower voltage
drop) but for higher input voltages, a fast recovery diode
could be used.
Without diode D3, when the input voltage is first applied, the
charging current of C
IN can pull the output positive by sev-
eral volts for a short period of time. Adding D3 prevents the
output from going positive by more than a diode voltage.
10129384
This circuit has an ON/OFF threshold of approximately 13V.
FIGURE 9. Undervoltage Lockout for Inverting Regulator
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com