Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WWTOP60-ESC Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # WWTOP60-ESC
Description  WorkWise Standing Desk Top, 60 x 30 in., Espresso, Contoured
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

WWTOP60-ESC Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  WWTOP60-ESC Datasheet HTML 1Page - Tripp Lite. All Rights Reserved WWTOP60-ESC Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WorkWise Standing Desk Top, 60 x 30 in.,
Espresso, Contoured
MODEL NUMBER: WWTOP60-ESC
Description
The WWTOP60-ESC WorkWise™ Standing Desk Top provides an environmentally friendly work surface for your sit-stand desk. A spacious 60 x 30 inches
with a thickness of 0.75 inches, the WWTOP60-ESC features mounting holes with threaded inserts that perfectly match Tripp Lite WorkWise Sit-Stand Electric
Adjustable-Height Desk Bases, such as WWBASE-BK, WWBASE-GY and WWBASE-WH, for easy assembly. The contoured edge allows you easier access
to desktop items.
Made and finished in the USA, the MDF(medium-density fibreboard) WWTOP60-ESC is constructed entirely of recycled wood fibers with an espresso-colored
low-emission powder-coated finish that qualifies for LEED credits. It’s certified by the Sustainable Forestry Initiative and meets California Air Resources Board
requirements.
Features
Durable Desk Top for Sit-Stand Desk Bases
60 x 30 in. and 0.75 in. thick
Contoured edge for easier access to desktop items
Mounts to adjustable-height desk base(sold separately) to create a sit-stand desk
Mounting holes with threaded inserts perfectly match WorkWise Desk Bases, including WWBASE-BK, WWBASE-GY and WWBASE-WH
Environmentally Friendly MDF Construction
Made from 100% recycled wood fibers
Espresso-colored low-emission powder-coated finish resists scratching
Powder coating qualifies for LEED credits
Certified by Sustainable Forestry Initiative
Meets California Air Resources Board requirements(CARB II compliant)
Made and finished in the USA
Specifications
Highlights
60 x 30 in. and 0.75 in. thick
Contoured edge for easier
access to desktop items
Made in the USA of 100%
recycled wood fibers
Low-emission powder coating
Mounting holes with threaded
inserts
Package Includes
WWTOP60-ESC WorkWise
Standing Desk Top (base sold
separately)
(7) 10-24 x ⅝" screws
Proper care guide
1 / 2


Similar Part No. - WWTOP60-ESC

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
WWTOP60-BKC TRIPPLITE-WWTOP60-BKC Datasheet
484Kb / 2P
WorkWise Standing Desk Top, 60 x 30 in., Black, Contoured
WWTOP60-WHC TRIPPLITE-WWTOP60-WHC Datasheet
479Kb / 2P
WorkWise Standing Desk Top, 60 x 30 in., White,Contoured
More results

Similar Description - WWTOP60-ESC

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
WWBASE-BK TRIPPLITE-WWBASE-BK Datasheet
497Kb / 3P
WorkWise Standing Desk Base, Electric Adjustable-Height, Black
WWBASE-GY TRIPPLITE-WWBASE-GY Datasheet
496Kb / 3P
WorkWise Standing Desk Base, Electric Adjustable-Height, Gray
WWSS1327CP TRIPPLITE-WWSS1327CP Datasheet
551Kb / 3P
WorkWise Standing Desk-Clamp Workstation, Single-Monitor
WWSSDC TRIPPLITE-WWSSDC Datasheet
552Kb / 2P
WorkWise Standing Desk-Clamp Workstation
WWTOP48-BK TRIPPLITE-WWTOP48-BK Datasheet
485Kb / 2P
WorkWise Standing Desk Top, 48 x 30 in., Black
WWTOP48-ES TRIPPLITE-WWTOP48-ES Datasheet
491Kb / 2P
WorkWise Standing Desk Top, 48 x 30 in., Espresso
WWTOP60-BKC TRIPPLITE-WWTOP60-BKC Datasheet
484Kb / 2P
WorkWise Standing Desk Top, 60 x 30 in., Black, Contoured
WWTOP60-WHC TRIPPLITE-WWTOP60-WHC Datasheet
479Kb / 2P
WorkWise Standing Desk Top, 60 x 30 in., White,Contoured
WWTOP72-BK TRIPPLITE-WWTOP72-BK Datasheet
484Kb / 2P
WorkWise Standing Desk Top, 72 x 30 in., Black
WWTOP72-ES TRIPPLITE-WWTOP72-ES Datasheet
490Kb / 2P
WorkWise Standing Desk Top, 72 x 30 in., Espresso
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com